Electronic Components Datasheet Search
  English  ▼

X  

PC87360 Datasheet(PDF) 135 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 135 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 131Page - National Semiconductor (TI) PC87360 Datasheet HTML 132Page - National Semiconductor (TI) PC87360 Datasheet HTML 133Page - National Semiconductor (TI) PC87360 Datasheet HTML 134Page - National Semiconductor (TI) PC87360 Datasheet HTML 135Page - National Semiconductor (TI) PC87360 Datasheet HTML 136Page - National Semiconductor (TI) PC87360 Datasheet HTML 137Page - National Semiconductor (TI) PC87360 Datasheet HTML 138Page - National Semiconductor (TI) PC87360 Datasheet HTML 139Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 168 page
background image
8.0 ACCESS.bus Interface (ACB) (Continued)
135
www.national.com
8.3.4
ACB Control Status Register (ACBCST)
This register configures and controls the ACB functional block. It maintains the current ACB status and controls several ACB
functions. On reset and when the ACB is disabled, the non-reserved bits of ACBCST are cleared.
Location:
Offset 02h
Type:
Varies per bit
Bit
76543210
Name
Reserved
TGSCL
TSDA
GCMTCH
MATCH
BB
BUSY
Reset
0
0
0
X
0000
Bit
Type
Description
7-6
Reserved
5
R/W
TGSCL (Toggle SCL Line). Enables toggling the SCL line during error recovery.
0: Clock toggle completed
1: When the SDA line is low, writing 1 to this bit toggles the SCL line for one cycle. Writing 1 to TGSCL
while SDA is high is ignored.
4RO
TSDA (Test SDA Line). This bit reads the current value of the SDA line. It can be used while recovering
from an error condition in which the SDA line is constantly pulled low by an out-of-sync slave. Data written
to this bit is ignored.
3RO
GCMTCH (Global Call Match)
0: Start Condition or repeated Start and a Stop Condition (including illegal Start or Stop Condition)
1: In slave mode, ACBCTL1.GCMEN is set and the address byte (the first byte transferred after a Start
Condition) is 00h.
2RO
MATCH (Address Match)
0: Start Condition or repeated Start and a Stop Condition (including illegal Start or Stop Condition)
1: ACBADDR.SAEN is set and the first 7 bits of the address byte (the first byte transferred after a Start
Condition) match the 7-bit address in the ACBADDR register.
1
R/W1C BB (Bus Busy)
0: Writing 1, ACB disabled, or Stop Condition detected
1: Bus active (a low level on either SDA or SCL), or Start Condition
0RO
Busy. This bit should always be written 0. This bit indicates the period between detecting a Start Condition
and completing receipt of the address byte. After this, the ACB is either free or enters slave mode.
0: Completion of any state below or ACB disabled
1: ACB is in one of the following states:
—
Generating a Start Condition
—
Master mode (ACBST.MASTER is set)
—
Slave mode (ACBCST.MATCH or ACBCST.GCMTCH set).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com