Electronic Components Datasheet Search
  English  ▼

X  

PC87360 Datasheet(PDF) 136 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 136 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 132Page - National Semiconductor (TI) PC87360 Datasheet HTML 133Page - National Semiconductor (TI) PC87360 Datasheet HTML 134Page - National Semiconductor (TI) PC87360 Datasheet HTML 135Page - National Semiconductor (TI) PC87360 Datasheet HTML 136Page - National Semiconductor (TI) PC87360 Datasheet HTML 137Page - National Semiconductor (TI) PC87360 Datasheet HTML 138Page - National Semiconductor (TI) PC87360 Datasheet HTML 139Page - National Semiconductor (TI) PC87360 Datasheet HTML 140Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 168 page
background image
8.0 ACCESS.bus Interface (ACB) (Continued)
136
www.national.com
8.3.5
ACB Control Register 1 (ACBCTL1)
Location:
Offset 03h
Type:
R/W
Bit
76543210
Name
STASTRE
NMINTE
GCMEN
ACK
Reserved
INTEN
STOP
START
Reset
00000000
Bit
Description
7
STASTRE (Stall After Start Enable)
0: When cleared, ACBST.STASTR can not be set. However, if ACBST.STASTR is set, clearing STASTRE will not
clear ACBST.STASTR.
1: Stall after start mechanism enabled, and ACB stalls the bus after the address byte
6
NMINTE (New Match Interrupt Enable)
0: No interrupt issued on a new match
1: Interrupt issued on a new match only if ACBCTL1.INTEN set
5
GCMEN (Global Call Match Enable)
0: ACB not responding to global call
1: Global call match enabled
4
Receive Acknowledge. This bit is ignored in transmit mode. When the device acts as a receiver (slave or
master), this bit holds the stop transmitting instruction that is transmitted during the next acknowledge cycle.
0: Cleared after acknowledge cycle
1: Negative acknowledge issued on next received byte
3
Reserved
2
Interrupt Enable
0: ACB interrupt disabled
1: ACB interrupt enabled. An interrupt is generated in response to one of the following events:
—
Detection of an address match (ACBST.NMATCH=1) and NMINTE=1
—
Receipt of Bus Error (ACBST.BER=1)
—
Receipt of Negative Acknowledge after sending a byte (ACBST.NEGACK=1)
—
Acknowledge of each transaction (same as the hardware set of the ACBST.SDAST bit)
—
In master mode if ACBCTL1.STASTRE=1, after a successful start (ACBST.STASTR=1)
—
Detection of a Stop Condition while in slave mode (ACBST.SLVSTP=1).
1
Stop
0: Automatically cleared after STOP issued
1: Setting this bit in master mode generates a Stop Condition to complete or abort current message transfer
0
Start. Set this bit only when in master mode or when requesting master mode.
0: Cleared after Start Condition sent or Bus Error (ACBST.BER=1) detected
1: Single or repeated Start Condition generated on the ACCESS.bus. If the device is not the active master of
the bus (ACBST.MASTER=0), setting START generates a Start Condition when the ACCESS.bus becomes
free (ACBCST.BB=0). An address transmission sequence should then be performed.
If the device is the active master of the bus (ACBST.MASTER=1), setting START and then writing to the
ACBSDA register generates a Start Condition. If a transmission is already in progress, a repeated Start
Condition is generated. This condition can be used to switch the direction of the data flow between the master
and the slave, or to choose another slave device without separating them with a Stop Condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com