Electronic Components Datasheet Search
  English  ▼

X  

PC87360 Datasheet(PDF) 137 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 137 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 133Page - National Semiconductor (TI) PC87360 Datasheet HTML 134Page - National Semiconductor (TI) PC87360 Datasheet HTML 135Page - National Semiconductor (TI) PC87360 Datasheet HTML 136Page - National Semiconductor (TI) PC87360 Datasheet HTML 137Page - National Semiconductor (TI) PC87360 Datasheet HTML 138Page - National Semiconductor (TI) PC87360 Datasheet HTML 139Page - National Semiconductor (TI) PC87360 Datasheet HTML 140Page - National Semiconductor (TI) PC87360 Datasheet HTML 141Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 168 page
background image
8.0 ACCESS.bus Interface (ACB) (Continued)
137
www.national.com
8.3.6
ACB Own Address Register (ACBADDR)
This is a byte-wide register that holds the ACB ACCESS.bus address. The reset value of this register is undefined.
Location:
Offset 04h
Type:
R/W
8.3.7
ACB Control Register 2 (ACBCTL2)
This register enables/disables the functional block and determines the ACB clock rate.
Location:
Offset 05h
Type:
R/W
Bit
76543210
Name
SAEN
ADDR
Reset
Bit
Description
7
SAEN (Slave Address Enable)
0: ACB does not check for an address match with ADDR field
1: ADDR field holds a valid address and enables the match of ADDR to an incoming address byte
6-0
ADDR (Own Address). These bits hold the 7-bit device address. When in slave mode, the first 7 bits received
after a Start Condition are compared with this field (first bit received is compared with bit 6, and the last bit with
bit 0). If the address field matches the received data and SAEN (bit 7) is 1, a match is declared.
Bit
7
6543210
Name
SCLFRQ
ENABLE
Reset
0
0000000
Bit
Description
7-1
SCLFRQ (SCL Frequency). This field defines the SCL period (low and high time) when the device serves as a
bus master. The clock low and high times are defined as follows:
tSCLl =tSCLh = 2*SCLFRQ*tCLK
where tCLK is the module input clock cycle, as defined in the Device Architecture and Configuration chapter.
SCLFRQ can be programmed to values in the range of 00010002 (810) through 11111112 (12710). Using any
other value has unpredictable results.
0
Enable
0: ACB disabled, ACBCTL1, ACBST and ACBCST cleared, and clocks halted
1: ACB enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com