Electronic Components Datasheet Search
  English  ▼

X  

STGWA80H65DFB Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGWA80H65DFB
Description  Tight parameter distribution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA80H65DFB Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGWA80H65DFB Datasheet HTML 5Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 6Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 7Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 8Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 9Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 10Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 11Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 12Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
STGWA80H65DFB
Electrical characteristics
DocID030057 Rev 1
9/17
Figure 16: Switching energy vs. collector current
Figure 17: Switching energy vs. collector emitter
voltage
Figure 18: Switching time vs. collector temperature
Figure 19: Switching time vs. gate resistance
Figure 20: Reverse recovery current vs. diode
current slope
Figure 21: Reverse recovery time vs. diode current
slope
t
100
10
1
IC(A)
(ns)
20
40
60
80
TJ= 175°C, VGE = 15V
VCC= 400V, Rg
= 10Ω
100
tf
tdon
120
tr
tdoff
140
GIPD160920131533FSR
t
100
10
Rg
(Ω)
(ns)
4
8
TJ= 175°C, VGE = 15V
VCC= 400V, IC= 80A
12
tr
tdon
tf
tdoff
16
20
GIPD160920131539FSR
= 80 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com