Electronic Components Datasheet Search
  English  ▼

X  

STGWA80H65DFB Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGWA80H65DFB
Description  Tight parameter distribution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA80H65DFB Datasheet(HTML) 1 Page - STMicroelectronics

  STGWA80H65DFB Datasheet HTML 1Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 2Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 3Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 4Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 5Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 6Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 7Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 8Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
November 2016
DocID030057 Rev 1
1/17
This is information on a product in full production.
www.st.com
STGWA80H65DFB
Trench gate field-stop IGBT, HB series 650 V, 80 A high speed
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Maximum junction temperature: TJ = 175 °C
High speed switching series
Minimized tail current
VCE(sat) = 1.6 V(typ) @ IC = 80 A
Safe paralleling
Tight parameter distribution
Low thermal resistance
Very fast soft recovery antiparallel diode
Applications
Photovoltaic inverters
High frequency converters
Description
This device is an IGBT developed using an
advanced proprietary trench gate field-stop
structure. The device is part of the new HB series
of IGBTs, which represents an optimum
compromise between conduction and switching
loss to maximize the efficiency of any frequency
converter. Furthermore, the slightly positive
VCE(sat) temperature coefficient and very tight
parameter distribution result in safer paralleling
operation.
Table 1: Device summary
Order code
Marking
Package
Packing
STGWA80H65DFB
GWA80H65DFB
TO-247 long leads
Tube


Similar Part No. - STGWA80H65DFB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGWA80H65DFB STMICROELECTRONICS-STGWA80H65DFB Datasheet
1Mb / 22P
Trench gate field-stop IGBT, HB series 650 V, 80 A high speed
May 2015 Rev 6
STGWA80H65DFBAG STMICROELECTRONICS-STGWA80H65DFBAG Datasheet
280Kb / 14P
Automotive-grade trench gate field-stop 650 V, 80 A high speed HB series IGBT in a TO-247 long leads
06-Dec-2022
More results

Similar Description - STGWA80H65DFB

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
4155C HP-4155C Datasheet
230Kb / 14P
Parameter Analyzer
logo
International Rectifier
IRG4RC10UTRPBF IRF-IRG4RC10UTRPBF Datasheet
654Kb / 10P
Generation 4 IGBT design provides tighter parameter distribution and higher effciency than previous generation
logo
E-SWITCH
34-PP27U12B2 E-SWITCH-34-PP27U12B2 Datasheet
72Kb / 1P
DENOTES CRITICAL PARAMETER
logo
Infineon Technologies A...
IKQ120N60TA INFINEON-IKQ120N60TA Datasheet
2Mb / 16P
very tight parameter distribution
Rev.2.2,2014-11-21
IHW20N65R5 INFINEON-IHW20N65R5 Datasheet
1Mb / 15P
very tight parameter distribution
Rev.2.2,2014-11-27
logo
STMicroelectronics
STGW80H65DFB-4 STMICROELECTRONICS-STGW80H65DFB-4 Datasheet
937Kb / 16P
Tight parameter distribution
06-Mar-2017
logo
Belden Inc.
FI1D006P9 BELDEN-FI1D006P9 Datasheet
217Kb / 2P
Indoor Plenum OM1 Distribution Tight Buffer 6 Fibers
0.48
FI3D006P9 BELDEN-FI3D006P9 Datasheet
218Kb / 2P
Indoor Plenum OM3 Distribution Tight Buffer 6 Fibers
0.176
logo
List of Unclassifed Man...
RPI-16MM-LENS ETC-RPI-16MM-LENS Datasheet
135Kb / 1P
Parameter of Lens
XT150-M ETC-XT150-M Datasheet
490Kb / 2P
Material & Parameter
V1. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com