Electronic Components Datasheet Search
  English  ▼

X  

STGWA80H65DFB Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGWA80H65DFB
Description  Tight parameter distribution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA80H65DFB Datasheet(HTML) 3 Page - STMicroelectronics

  STGWA80H65DFB Datasheet HTML 1Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 2Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 3Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 4Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 5Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 6Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 7Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 8Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
STGWA80H65DFB
Electrical ratings
DocID030057 Rev 1
3/17
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VGE = 0 V)
650
V
IC
Continuous collector current at TC = 25 °C
120(1)
A
Continuous collector current at TC = 100 °C
80
ICP(2)(3)
Pulsed collector current
300
A
VGE
Gate-emitter voltage
± 20
V
IF
Continuous forward current at TC = 25 °C
120(1)
A
Continuous forward current at TC = 100 °C
80
IFP(2)(3)
Pulsed forward current
300
A
PTOT
Total dissipation at TC = 25 °C
469
W
TSTG
Storage temperature range
- 55 to 150
°C
TJ
Operating junction temperature range
- 55 to 175
Notes:
(1)Current level is limited by bond wires
(2)Pulse width limited by maximum junction temperature. (tp < 1ms , TJ < 175 °C)
(3)Defined by design, not tested.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case IGBT
0.32
°C/W
RthJC
Thermal resistance junction-case diode
0.66
RthJA
Thermal resistance junction-ambient
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com