Electronic Components Datasheet Search
  English  ▼

X  

STGWA80H65DFB Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGWA80H65DFB
Description  Tight parameter distribution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA80H65DFB Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGWA80H65DFB Datasheet HTML 6Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 7Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 8Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 9Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 10Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 11Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 12Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 13Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Electrical characteristics
STGWA80H65DFB
10/17
DocID030057 Rev 1
Figure 22: Reverse recovery charge vs. diode
current slope
Figure 23: Reverse recovery energy vs. diode
current slope
Figure 24: Capacitance variations
Figure 25: Collector current vs. switching frequency
r
40
60
80
100
120
1
10
Ic [A]
f [kHz]
G
Ω
rectangular current shape,
(duty cycle=0.5, V
CC = 400V, R =10
,
V
GE = 0/15 V, TJ =175°C)
Tc=80°C
Tc=100 °C
140
160
GIPD260520141426FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com