Electronic Components Datasheet Search
  English  ▼

X  

STGWA80H65DFB Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGWA80H65DFB
Description  Tight parameter distribution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA80H65DFB Datasheet(HTML) 5 Page - STMicroelectronics

  STGWA80H65DFB Datasheet HTML 1Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 2Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 3Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 4Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 5Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 6Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 7Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 8Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
STGWA80H65DFB
Electrical characteristics
DocID030057 Rev 1
5/17
Table 6: IGBT switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VCE = 400 V, IC = 80 A,
VGE = 15 V, RG = 10
Ω
(see Figure 28: " Test
circuit for inductive load
switching" )
-
84
-
ns
tr
Current rise time
-
52
-
ns
(di/dt)on
Turn-on current slope
-
1270
-
A/µs
td(off)
Turn-off-delay time
-
280
-
ns
tf
Current fall time
-
31
-
ns
Eon(1)
Turn-on switching energy
-
2.1
-
mJ
Eoff(2)
Turn-off switching energy
-
1.5
-
mJ
Ets
Total switching energy
-
3.6
-
mJ
td(on)
Turn-on delay time
VCE = 400 V, IC = 80 A,
VGE = 15 V, RG = 10
Ω ,
TJ = 175 °C
(see Figure 28: " Test
circuit for inductive load
switching")
-
77
-
ns
tr
Current rise time
-
51
-
ns
(di/dt)on
Turn-on current slope
-
1270
-
A/µs
td(off)
Turn-off-delay time
-
328
-
ns
tf
Current fall time
-
30
-
ns
Eon(1)
Turn-on switching energy
-
4.4
-
mJ
Eoff(2)
Turn-off switching energy
-
2.1
-
mJ
Ets
Total switching energy
-
6.5
-
mJ
Notes:
(1)Including the reverse recovery of the diode.
(2)Including the tail of the collector current.
Table 7: Diode switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
IF = 80 A, VR = 400 V,
di/dt = 1000 A/µs
VGE = 15 V,
(see Figure 28: " Test circuit for
inductive load switching")
-
85
-
ns
Qrr
Reverse recovery charge
-
1105
-
nC
Irrm
Reverse recovery current
-
26
-
A
dIrr/dt
Peak rate of fall of
reverse recovery current
during tb
-
722
-
A/µs
Err
Reverse recovery energy
-
267
-
µJ
trr
Reverse recovery time
IF = 80 A, VR = 400 V,
VGE = 15 V ,TJ = 175 °C
di/dt = 1000 A/µs
(see Figure 28: " Test circuit
for inductive load switching")
-
149
-
ns
Qrr
Reverse recovery charge
-
4920
-
nC
Irrm
Reverse recovery current
-
66
-
A
dIrr/dt
Peak rate of fall of
reverse recovery current
during tb
-
546
-
A/µs
Err
Reverse recovery energy
-
1172
-
µJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com