Electronic Components Datasheet Search
  English  ▼

X  

PM8841D Datasheet(PDF) 1 Page - STMicroelectronics

Part # PM8841D
Description  1 A low-side gate driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8841D Datasheet(HTML) 1 Page - STMicroelectronics

  PM8841D Datasheet HTML 1Page - STMicroelectronics PM8841D Datasheet HTML 2Page - STMicroelectronics PM8841D Datasheet HTML 3Page - STMicroelectronics PM8841D Datasheet HTML 4Page - STMicroelectronics PM8841D Datasheet HTML 5Page - STMicroelectronics PM8841D Datasheet HTML 6Page - STMicroelectronics PM8841D Datasheet HTML 7Page - STMicroelectronics PM8841D Datasheet HTML 8Page - STMicroelectronics PM8841D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
October 2014
DocID027119 Rev 1
1/13
PM8841
1 A low-side gate driver
Datasheet
- production data
Features
 Low-side MOSFET driver
 1 A sink and 0.8 A source capability
 External reference for input threshold
 Wide supply voltage range (10 V ÷ 18 V)
 Input and output pull-down resistors
 Short propagation delays
 Input and output UVLO
 Wide operating temperature range:
-40 °C to 125 °C
 SOT23-5 package
Applications
 SMPS
 Digital lighting
 Wireless battery chargers
 Digitally controlled MOSFETs
Description
The PM8841 is a high frequency single channel
low-side MOSFET driver specifically designed to
work with digital power conversion
microcontrollers, such as the STMicroelectronics
STLUX™ family of products.
The PM8841 output can sink 1 A and source
0.8 A.
The input levels of the driver are derived by the
voltage present at the IN_TH pin (between 2 V
and 5.5 V). This pin is typically connected at the
same voltage of the microcontroller supply
voltage.
The PM8841 device includes both input and
output pull-down resistors.
UVLO circuitry for input and output stages is
present preventing the IC from driving the
external MOSFET in unsafe condition.
SOT23-5
Table 1. Device summary
Order code
Package
PM8841D
SOT23-5
www.st.com


Similar Part No. - PM8841D

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
PM880 GEC-PM880 Datasheet
248Kb / 4P
PM880 Panametrics Portable Hygrometer
2013
logo
Baker Hughes Company
PM880 BAKER-PM880 Datasheet
1Mb / 3P
Panametrics portable hygrometer
12/2020
logo
STMicroelectronics
PM8800 STMICROELECTRONICS-PM8800 Datasheet
216Kb / 10P
Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
17-Sep-2007
PM8800A STMICROELECTRONICS-PM8800A Datasheet
216Kb / 10P
Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
17-Sep-2007
PM8800A STMICROELECTRONICS-PM8800A Datasheet
556Kb / 35P
Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
20-Feb-2008
More results

Similar Description - PM8841D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_13 Datasheet
1Mb / 21P
Single 9-A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
LM5134 TI1-LM5134_16 Datasheet
1Mb / 27P
Single 7.6-A Peak Current Low-Side Gate Driver
logo
STMicroelectronics
PM8851 STMICROELECTRONICS-PM8851 Datasheet
422Kb / 14P
1 A low-side gate driver with configurable asymmetric sink/source
October 2014 Rev 1
logo
ON Semiconductor
FAN3121 ONSEMI-FAN3121 Datasheet
3Mb / 21P
Single 9-A High-Speed, Low-Side Gate Driver
October-2017, Rev. 2
logo
Sanken electric
SSC4S701 SANKEN-SSC4S701 Datasheet
1Mb / 12P
Low-side Gate Driver IC
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2181M DIODES-DGD2181M Datasheet
576Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
DGD21814M DIODES-DGD21814M Datasheet
577Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
logo
ON Semiconductor
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com