Electronic Components Datasheet Search
  English  ▼

X  

PM8841D Datasheet(PDF) 11 Page - STMicroelectronics

Part # PM8841D
Description  1 A low-side gate driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8841D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PM8841D Datasheet HTML 5Page - STMicroelectronics PM8841D Datasheet HTML 6Page - STMicroelectronics PM8841D Datasheet HTML 7Page - STMicroelectronics PM8841D Datasheet HTML 8Page - STMicroelectronics PM8841D Datasheet HTML 9Page - STMicroelectronics PM8841D Datasheet HTML 10Page - STMicroelectronics PM8841D Datasheet HTML 11Page - STMicroelectronics PM8841D Datasheet HTML 12Page - STMicroelectronics PM8841D Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DocID027119 Rev 1
11/13
PM8841
Package information
13
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 13. SOT23-5 package outline
Table 7. SOT23-5 package mechanical data
Symbol
Dimensions (mm)
Dimensions (inches)
Note
Typ.
Min.
Max.
Typ.
Min.
Max.
A
0.90
1.45
0.035
0.057
A1
0.00
0.15
0.000
0.006
A2
0.90
1.30
0.035
0.051
b
0.30
0.50
0.012
0.020
c
0.09
0.20
0.004
0.008
D
2.80
3.05
0.11
0.12
E
1.50
1.75
0.059
0.069
e
0.95
0.037
H
2.60
3.00
0.102
0.118
L
0.30
0.60
0.012
0.024
q
0
10
0
10
Degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com