Electronic Components Datasheet Search
  English  ▼

X  

PM8841D Datasheet(PDF) 5 Page - STMicroelectronics

Part # PM8841D
Description  1 A low-side gate driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8841D Datasheet(HTML) 5 Page - STMicroelectronics

  PM8841D Datasheet HTML 1Page - STMicroelectronics PM8841D Datasheet HTML 2Page - STMicroelectronics PM8841D Datasheet HTML 3Page - STMicroelectronics PM8841D Datasheet HTML 4Page - STMicroelectronics PM8841D Datasheet HTML 5Page - STMicroelectronics PM8841D Datasheet HTML 6Page - STMicroelectronics PM8841D Datasheet HTML 7Page - STMicroelectronics PM8841D Datasheet HTML 8Page - STMicroelectronics PM8841D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID027119 Rev 1
5/13
PM8841
Electrical characteristics
13
4
Electrical characteristics
(VCC = 12 V, VIN_TH = 3.3 V, TJ = - 40 ÷ 125 °C, unless otherwise specified)
Table 5. Electrical characteristics
Symbol
Pin
Parameter
Test condition
Min. Typ. Max. Unit
IC SUPPLY
VCC
VCC Operating range
10
18
V
VCC,on
VCC Turn-on threshold
9
10
11
V
VUVLO,hyst VCC UVLO hysteresis
0.5
1
V
IST-UP
VCC Start-up current
VCC = VCC,on - 0.5 V
40
µA
ICC,0
VCC Static supply current
IN = 0 V
40
µA
ICC,op
VCC Operating supply current
See Figure 4 and Figure 5
IN_TH
VIN_TH
IN_TH Operating range
2
5.5
V
VIN_TH,UV IN_TH IN_TH UVLO
IN_TH short with IN, rising edge
1.5
V
IIN_TH
IN_TH IN_TH pin bias current(1)
40
µA
INPUT
VIH/VIN_TH
IN
Relative input high level
threshold
(2)
36
58
%
VIL/VIN_TH
IN
Relative input low level threshold (2)
25
46
%
VIN_Hyst
IN
Hysteresis
7
25
%
IIN
IN
IN pin bias current
VIN = 5 V
50
µA
RINPD
IN
Input pull-down resistance
VIN = VIN_TH
100
k
TD_LH
IN
IN to GD propagation delay
IN low to high, no load
30
ns
TD_HL
IN
IN to GD propagation delay
IN high to low, no load
30
ns
OUTPUT
VOUT,H
OUT OUT pin high level
Isrc = 100 mA, TJ = 25 °C
11.4
V
Isrc = 100 mA, TJ = -40 ÷ 125 °C(1)
11.4
VOUT,L
OUT OUT pin low level
Isnk = 100 mA, TJ = 25 °C
0.53
V
Isnk = 100 mA, TJ = -40 ÷ 125 °C(1)
0.53
ISRC
OUT Source current(1)
VOUT = VCC / 2
940
mA
ISNK
OUT Sink current(1)
VOUT = VCC / 2
1.1
A
tR
OUT Rise time
COUT = 470 pF
20
ns
tF
OUT Fall time
COUT = 470 pF
20
ns
RGPD
OUT Pull-down resistor
50
k
1. Not tested in production.
2. Overlapping prevent by hysteresis VIN_Hyst.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com