Electronic Components Datasheet Search
  English  ▼

X  

PM8841D Datasheet(PDF) 10 Page - STMicroelectronics

Part # PM8841D
Description  1 A low-side gate driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8841D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PM8841D Datasheet HTML 5Page - STMicroelectronics PM8841D Datasheet HTML 6Page - STMicroelectronics PM8841D Datasheet HTML 7Page - STMicroelectronics PM8841D Datasheet HTML 8Page - STMicroelectronics PM8841D Datasheet HTML 9Page - STMicroelectronics PM8841D Datasheet HTML 10Page - STMicroelectronics PM8841D Datasheet HTML 11Page - STMicroelectronics PM8841D Datasheet HTML 12Page - STMicroelectronics PM8841D Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Application guidelines
PM8841
10/13
DocID027119 Rev 1
6.3
Driving switches
The IN pin truth table is reported in Table 6.
Differential MOSFET's driving strength is seldom necessary in topologies such as flybacks
or boost controlled in the peak current mode. A lower driving current is used to turn on the
MOSFET in order to reduce the EMI produced by the Miller capacitance activation, while
a stronger turn-off action is suggested to minimize the turn-off delay and, consequently the
deviation between theoretical and practical behaviors.
The same asymmetrical driving strength is required when the IGBT switch is used: in fact
the driving strength control is mandatory to avoid latch-up phenomena intrinsically related
with this kind of the switch. The asymmetrical driving can be realized using a diode and
resistance as illustrated in typical application diagrams (refer to the PM8851 device when
accurate control of the asymmetrical driving current is required).
When low switching frequencies are required and propagation delays can be compensated,
it is possible to drive contemporary the IN pin and the IN_TH pin to exploit the relevant
UVLO threshold of the device (typ. 1.5 V) using the PM8841 as a fixed threshold device
without any external component: care has to be taken to consider an additional propagation
delay (typ. 300 ns) after the falling edge of the input signal.
6.4
Power dissipation
Overall power dissipation can be evaluated considering two main contributions: the device
related consumption (PD) and the gate driving power demand (PG):
Equation 1
PTot = PD + PG
The device power consumption can be found in Figure 6 on page 6: it represents the power
required by the device to supply internal structures and pull-downs resistors.
The gate driving power dissipation is the power required to deliver to and from the
MOSFET's gate the required gate charge:
Equation 2
PG = Qg x Vgs x fsw
The Qg value can be found depicted into the MOSFET's datasheet for any applied Vgs: Vgs
can considered equal to VCC.
Table 6. PM8841 truth table
IN
PM8841
High
High
Low
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com