Electronic Components Datasheet Search
  English  ▼

X  

PM8841D Datasheet(PDF) 3 Page - STMicroelectronics

Part # PM8841D
Description  1 A low-side gate driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8841D Datasheet(HTML) 3 Page - STMicroelectronics

  PM8841D Datasheet HTML 1Page - STMicroelectronics PM8841D Datasheet HTML 2Page - STMicroelectronics PM8841D Datasheet HTML 3Page - STMicroelectronics PM8841D Datasheet HTML 4Page - STMicroelectronics PM8841D Datasheet HTML 5Page - STMicroelectronics PM8841D Datasheet HTML 6Page - STMicroelectronics PM8841D Datasheet HTML 7Page - STMicroelectronics PM8841D Datasheet HTML 8Page - STMicroelectronics PM8841D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DocID027119 Rev 1
3/13
PM8841
Pin connection
13
2
Pin connection
Figure 2. Pin connection
Table 2. Pin description
Symbol
Pin
Description
VCC
1
IC power supply. A voltage comprised between 10 V and 18 V can be connected
between this pin and GND to supply the IC.
GND
2
Reference voltage connection.
IN
3
Digital input signal for driver.
It is internally pulled down to GND with a 100 k
 (typ.) equivalent resistor.
IN_TH
4
Input for the IN pin's threshold definition: a voltage can be applied obtaining the
values for VIH and VIL.
OUT
5
MOSFET gate drive sourcing / sinking output controlled by the IN pin.
A pull-down equivalent resistor [50 k
 (typ.)] is present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com