Electronic Components Datasheet Search
  English  ▼

X  

VV6404 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VV6404
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6404 Datasheet(HTML) 1 Page - STMicroelectronics

  VV6404 Datasheet HTML 1Page - STMicroelectronics VV6404 Datasheet HTML 2Page - STMicroelectronics VV6404 Datasheet HTML 3Page - STMicroelectronics VV6404 Datasheet HTML 4Page - STMicroelectronics VV6404 Datasheet HTML 5Page - STMicroelectronics VV6404 Datasheet HTML 6Page - STMicroelectronics VV6404 Datasheet HTML 7Page - STMicroelectronics VV6404 Datasheet HTML 8Page - STMicroelectronics VV6404 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
®
Mono and Colour Digital Video CMOS Image Sensors
CD5404-6404F-A
1/54
VV5404 & VV6404
DESCRIPTION
VV5404 and VV6404 are highly integrated CMOS VLSI
sensors which enables high standards of performance and
image quality at a very cost-effective price point. The 356 x
292 monochrome device offers one of the simplest routes
currently available to design-in of imaging applications, while
the colour device is ideal for low cost PC camera applications.
Both devices incorporate a comprehensive range of on-board
controls eliminating the need for additional support chips. On-
chip A/D conversion provides 8 bit digital output and the
device set up is fully automatic via the built-in automatic black
level calibration algorithm.
Exposure and gain settings are programmable and operation
is controlled via a serial interface.
This sensors offer variable frame rates of up to 30 frames per
second and a 4 wire digital video bus. The digital interface
also provides a tri-stateable data qualification clock and frame
synchronisation signal.
Hand-held products, in applications such as PDAs, bar code
scanning or automatic meter reading, will benefit from the low
power requirements and from the inbuilt sleep and power
down modes.
The price and performance standards introduced with the
VV5404 and VV6404 enable use of an imaging solution
where previously it may not have been practicable on cost
grounds.
BLOCK DIAGRAM
FEATURES
•
CIF Format mono or colour pixel array
•
Up to 30 frames per second operation
•
On-chip 8 bit analogue to digital converter
•
Low power consumption
•
Up to 356 x 292 pixel image size
•
Automatic exposure and gain control
•
Serial interface control
•
Programmable exposure and gain values
•
Automatic black level calibration
•
4-wire digital video bus
•
Evaluation kit available
APPLICATIONS
•
PC Cameras
•
Biometrics
•
Inspection Systems
SPECIFICATIONS
Important:
1.
A colour co-processor is required to convert the VV6404 sensor’s video
data stream of raw colourised pixel data into either a CIF or QCIF for-
mat RGB or YUV colour image.
2.
VV5404 and VV6404 do NOT have any form of automatic exposure
control. This must be performed externally.
SAM PLE & HO LD
HORIZO NTAL SHIFT
PHOTO DIODE
ANALO G
VO LTAG E
REFS.
SD A
SC L
D[3:0]
VERTICAL
SHIFT
REG ISTER
CLK O
8-bit
ADC
ARRAY
REG ISTER
SERIAL
INTER-
FACE
OUTPUT
FORM AT
GAIN
IM AG E
FO RM AT
BLACK
CALIBRATIO N
EXPO SURE
REG ISTERS
STAG E
OEB
FS T
QC K
SIN
CLKI
Pixel resolution
356 x 292 (CIF)
Array size
4.272mm x 3.212mm
Pixel size
12.0
µm x 11.0 µm
Min. illumination
0.1 lux
Exposure control
Automatic (to 25000:1)
Gain control
Automatic (to +20dB)
Signal/Noise ratio
46dB
Supply voltage
5.0v DC
+/− 5%
Supply current
<75mA
Operating
temperature
(ambient)
0oC - 40oC
(for extended temp. info please con-
tact STMicroelectronics)
Package type
48LCC


Similar Part No. - VV6404

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VV6410 STMICROELECTRONICS-VV6410 Datasheet
563Kb / 63P
DUAL-MODE DIGITAL CAMERA CHIPSET
Sep-2001
VV6410 STMICROELECTRONICS-VV6410 Datasheet
1Mb / 105P
Mono and Colour Digital Video CMOS Image Sensors
28-Sep-2000
VV6410C036 STMICROELECTRONICS-VV6410C036 Datasheet
563Kb / 63P
DUAL-MODE DIGITAL CAMERA CHIPSET
Sep-2001
VV6410C036 STMICROELECTRONICS-VV6410C036 Datasheet
352Kb / 60P
Low Cost Digital Camera (LCDC) Chipset
Mar-2000
VV6410C036 STMICROELECTRONICS-VV6410C036 Datasheet
1Mb / 105P
Mono and Colour Digital Video CMOS Image Sensors
28-Sep-2000
More results

Similar Description - VV6404

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADCS-1021 HP-ADCS-1021 Datasheet
104Kb / 8P
CMOS Image Sensors
logo
List of Unclassifed Man...
VP7610 ETC-VP7610 Datasheet
248Kb / 14P
COLOUR DIGITAL VIDEO CAMERA DECODER IC
logo
STMicroelectronics
VC5700 STMICROELECTRONICS-VC5700 Datasheet
30Kb / 2P
UXGA Resolution Digital Video CMOS Image Sensor
2004-Oct
VV5410 STMICROELECTRONICS-VV5410 Datasheet
1Mb / 105P
Mono and Colour Digital Video CMOS Image Sensors
28-Sep-2000
logo
Mitel Networks Corporat...
VP7615 MITEL-VP7615 Datasheet
106Kb / 25P
Colour Digital Video Camera Decoder IC
logo
Zarlink Semiconductor I...
VP7610 ZARLINK-VP7610 Datasheet
242Kb / 14P
COLOUR DIGITAL VIDEO CAMERA DECODER IC
VP7615 ZARLINK-VP7615 Datasheet
286Kb / 26P
Colour Digital Video Camera Decoder IC
logo
Pixart Imaging Inc.
PAS005B PIXART-PAS005B Datasheet
1Mb / 41P
SXGA Color/Mono Digital CMOS Image Sensor
logo
Hamamatsu Corporation
S11661 HAMAMATSU-S11661_15 Datasheet
326Kb / 9P
CMOS area image sensors
S11105 HAMAMATSU-S11105_15 Datasheet
348Kb / 9P
CMOS linear image sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com