Electronic Components Datasheet Search
  English  ▼

X  

VV6404 Datasheet(PDF) 33 Page - STMicroelectronics

Part # VV6404
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6404 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button VV6404 Datasheet HTML 29Page - STMicroelectronics VV6404 Datasheet HTML 30Page - STMicroelectronics VV6404 Datasheet HTML 31Page - STMicroelectronics VV6404 Datasheet HTML 32Page - STMicroelectronics VV6404 Datasheet HTML 33Page - STMicroelectronics VV6404 Datasheet HTML 34Page - STMicroelectronics VV6404 Datasheet HTML 35Page - STMicroelectronics VV6404 Datasheet HTML 36Page - STMicroelectronics VV6404 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
VV5404 & VV6404
CD5404-6404F-A
33/54
If the gain change trigger option has been selected then care should be taken when writing the new gain value if the
immediate gain update option has been selected. It is strongly advised that the user should not write a new gain
value between line 0 (the status line) and line 9 (the last black calibration line). If the gain values are written in a timed
manner then no restriction applies.
5.5.6
Setup2 [001_00102]
5.5.7
Setup4 [001_01002]
Black Cal Mode[1]
Black Cal Mode[0]
Comment
0
0
No black calibration
01
Always trigger black calibration
1
0
Black calibration triggered by a failed
monitor test
1
1
Trigger black calibration only if the gain
setting changes
Table 15 : Black Calibration Mode
Bit
Function
Default
Comment
5:0
Pixel counter reset value
31
NOTE: For proper synchronisation this regis-
ter should be written with the value 30.
7:6
Unused
Table 16 : Setup2[001_00102]
Bit
Function
Default
Comment
1:0
FST/QCK pin modes
0
Selection of FST, QCK pin data
3:2
QCK modes
0
When to output QCK
5:4
Reserved
0
reserved for LST modes in other sensors
7:6
FST modes
0
Table 17 : Setup4[001_01002]
FST/QCK pin mode[1:0]
FST pin
QCK pin
00
FST
Slow QCK
01
FST
Fast QCK
1
0
Fast QCK
Slow QCK
1
1
Invert of Fast QCK
Fast QCK
Table 18 : FST/QCK Pin Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com