Electronic Components Datasheet Search
  English  ▼

X  

VV6404 Datasheet(PDF) 47 Page - STMicroelectronics

Part # VV6404
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6404 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button VV6404 Datasheet HTML 43Page - STMicroelectronics VV6404 Datasheet HTML 44Page - STMicroelectronics VV6404 Datasheet HTML 45Page - STMicroelectronics VV6404 Datasheet HTML 46Page - STMicroelectronics VV6404 Datasheet HTML 47Page - STMicroelectronics VV6404 Datasheet HTML 48Page - STMicroelectronics VV6404 Datasheet HTML 49Page - STMicroelectronics VV6404 Datasheet HTML 50Page - STMicroelectronics VV6404 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
VV5404 & VV6404
CD5404-6404F-A
47/54
8.2
Signal Names
Pin
Name
Type
Description
POWER SUPPLIES
1
AVCC
PWR
Core analogue power and reference supplies.
48
AGND
GND
Core analogue ground and reference supplies.
43
DVDD
PWR
Core digital power.
44
DVSS/Dsub
GND
Core digital ground.
6
AVDD
PWR
Output stage power.
5
AVSS
GND
Output stage ground.
7
VVDD
PWR
Analogue output buffer power.
9
VVSS
GND
Analogue output buffer ground.
14
ADCVDD
PWR
ADC power.
10
ADCVSS
GND
ADC ground.
19
VDD1
PWR
Digital padring & logic power.
30
VDD2
PWR
Digital padring & logic power.
36
VDD3
PWR
Digital padring & logic power.
20
VSS1
GND
Digital padring & logic ground.
29
VSS2
GND
Digital padring & logic ground.
37
VSS3
GND
Digital padring & logic ground.
ANALOGUE SIGNALS
45
VBLOOM
OA
Anti-blooming pixel reset voltage
46
VBLTW
OA
Bitline test white level reference
47
VBG
OA
Internally generated bandgap reference voltage 1.22V
2VCM/
VREF2V5
OA
Common-mode input for OSA and Internally generated 2.5 V
reference voltage.
3
VRT
IA
Pixel reset voltage
4
VCDSH
IA
8
AVO
OA
Analogue Test output
11
ADCbot
IA
Bottom voltage reference for ADC
12
HoldPix
IA
Not for Customer use
13
TopRef
OA
Internally generally top voltage reference for ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com