Electronic Components Datasheet Search
  English  ▼

X  

VV6404 Datasheet(PDF) 52 Page - STMicroelectronics

Part # VV6404
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6404 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button VV6404 Datasheet HTML 46Page - STMicroelectronics VV6404 Datasheet HTML 47Page - STMicroelectronics VV6404 Datasheet HTML 48Page - STMicroelectronics VV6404 Datasheet HTML 49Page - STMicroelectronics VV6404 Datasheet HTML 50Page - STMicroelectronics VV6404 Datasheet HTML 51Page - STMicroelectronics VV6404 Datasheet HTML 52Page - STMicroelectronics VV6404 Datasheet HTML 53Page - STMicroelectronics VV6404 Datasheet HTML 54Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
VV5404 & VV6404
CD5404-6404F-A
52/54
9.
Ordering Information
Part Number
Description
Defect specification
VV5404C001
CIF resolution monochrome Digital
CMOS Image Sensor, 48 pin LCC
package
zero defects
VV6404C001
CIF resolution Colour Digital CMOS
Image Sensor, 48 pin LCC package
zero defects
VV6404C001-B2
CIF resolution Colour Digital CMOS
Image Sensor, 48 pin LCC package
up to 36 defects
for use when pixel
defect correction is
implemented
STV5404E-001
Evaluation Kit for VV5404 sensor
N/A
STV6404E-001
Evaluation Kit for VV6404 sensor
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com