Electronic Components Datasheet Search
  English  ▼

X  

VV6404 Datasheet(PDF) 46 Page - STMicroelectronics

Part # VV6404
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6404 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button VV6404 Datasheet HTML 42Page - STMicroelectronics VV6404 Datasheet HTML 43Page - STMicroelectronics VV6404 Datasheet HTML 44Page - STMicroelectronics VV6404 Datasheet HTML 45Page - STMicroelectronics VV6404 Datasheet HTML 46Page - STMicroelectronics VV6404 Datasheet HTML 47Page - STMicroelectronics VV6404 Datasheet HTML 48Page - STMicroelectronics VV6404 Datasheet HTML 49Page - STMicroelectronics VV6404 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
VV5404 & VV6404
CD5404-6404F-A
46/54
8.
Physical
8.1
Pinout Diagram
(DNC) - Do not connect these pins
(*) - Paddle connections
CLKI
CLKO
D[0]
D[1]
VDD3
VSS3
VVSS
ADCVSS (*)
ADCVDD
SIN
7
8
6
5
4
3
2
1
48
47
46
45
44
42
41
38
9
10
11
12
13
14
15
16
17
19
20
21
22
23
24
25
26
27
28
29
32
33
34
35
36
37
D[2]
D[3]
FST
SDA
SCL
48 pin LCC
ADCBot
40
39
18
30
31
43
(DNC)
QCK
VVDD
OEB/SCI
RESETB
TopRef/ADCTop
HOLDPIX
(DNC)
VV5/6404
Figure 29 : Pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com