Electronic Components Datasheet Search
  English  ▼

X  

LNBH24L Datasheet(PDF) 6 Page - STMicroelectronics

Part # LNBH24L
Description  Dual LNBS supply and control IC with step-up and I²C interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24L Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LNBH24L Datasheet HTML 2Page - STMicroelectronics LNBH24L Datasheet HTML 3Page - STMicroelectronics LNBH24L Datasheet HTML 4Page - STMicroelectronics LNBH24L Datasheet HTML 5Page - STMicroelectronics LNBH24L Datasheet HTML 6Page - STMicroelectronics LNBH24L Datasheet HTML 7Page - STMicroelectronics LNBH24L Datasheet HTML 8Page - STMicroelectronics LNBH24L Datasheet HTML 9Page - STMicroelectronics LNBH24L Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Introduction
LNBH24L
6/25
Doc ID 16857 Rev 2
VoTX 22 kHz signal will be superimposed to the VoRX DC voltage to generate the LNB output
22 kHz tone (see Figure 3: LNBH24L with internal tone for DiSEqC 1.X applications). The
internal 22 kHz tone generator available through the VoTX pin must be activated during the
22 kHz transmission by DSQIN pin or by the TEN bit.The DSQIN internal circuit activates
the 22 kHz tone on the VoTX output with 0.5 cycles ± 25 µs delay from the TTL signal
presence on the DSQIN pin, and it stops with 1 cycles ± 25 µs delay after the TTL signal is
expired. The VoTX pin internal circuit must be preventively set ON by the TTX function. This
can be controlled both through the TTX pin and by I²C bit. As soon as the tone transmission
is expired, the VoTX must be disabled by setting the TTX to LOW. The 13 / 18 V power
supply is always provided to the LNB from the VoRX pin.
2.5
PDC optional circuit for DISEQC™ 1.X applications using
VoTX signal on to EXTM pin
In some applications, at light output current (< 50 mA) and in case of heavy output
capacitive load, the 22 kHz tone can be distorted. In this case it is possible to add the
"Optional" external components shown in the typical application circuit (see Figure 4:
DiSEqC 1.x using external 22 kHz tone generator source through EXTM pin
) connected
between VoRX and PDC pin. This optional circuit acts as an active pull-down discharging the
output capacitance only when the internal 22 kHz tone is activated.
2.6
I²C interface
The main functions of the IC are controlled via I²C bus by writing 6 bits on the system
register (SR 8 bits in write mode). On the same register there are 5 bits that can be read
back (SR 8 bits in read mode) to provide the diagnostic flags of two internal monitoring
functions (OTF, OLF) and three output voltage register status (EN, VSEL, LLC) received by
the IC (see Section 2.8: Diagnostic and protection functions). In read mode there are 3 test
bits (TEST1-2-3) that must be disregarded from the MCU. While, in write mode, there 2 Test
bits (TEST4-5) that must be always set LOW. Each section (A/B) has two selectable I²C
addresses selectable respectively, by the ADDR-A and ADDR-B pins (see Table 11:
Address pins characteristics
).
2.7
Output voltage selection
When the IC sections are in stand-by mode (EN bit LOW), the power blocks are disabled.
When the regulator blocks are active (EN bit HIGH), the output can be logic controlled to be
13 or 18 V by mean of the VSEL bit (voltage SELect) for remote controlling of non-DiSEqC
LNBs. Additionally, the LNBH24L is provided with the LLC I²C bit that increase the selected
voltage value to compensate possible voltage drop along the output line. In stand-by
condition (EN bit LOW) all the I²C bits and the TTX pin must be set LOW (if the TTX pin is
not used it can be left floating but the TTX bit must be set LOW during the stand-by
condition).
2.8
Diagnostic and protection functions
The LNBH24L has two diagnostic internal functions provided via I²C bus by reading 2 bits on
the system register (SR bits in read mode). The diagnostic bits are, in normal operation (no



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com