Electronic Components Datasheet Search
  English  ▼

X  

LNBH24L Datasheet(PDF) 9 Page - STMicroelectronics

Part # LNBH24L
Description  Dual LNBS supply and control IC with step-up and I²C interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24L Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LNBH24L Datasheet HTML 5Page - STMicroelectronics LNBH24L Datasheet HTML 6Page - STMicroelectronics LNBH24L Datasheet HTML 7Page - STMicroelectronics LNBH24L Datasheet HTML 8Page - STMicroelectronics LNBH24L Datasheet HTML 9Page - STMicroelectronics LNBH24L Datasheet HTML 10Page - STMicroelectronics LNBH24L Datasheet HTML 11Page - STMicroelectronics LNBH24L Datasheet HTML 12Page - STMicroelectronics LNBH24L Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
LNBH24L
Pin configuration
Doc ID 16857 Rev 2
9/25
Pin n°
(sec. A/B)
Symbol
Name
Pin function
13 /
28
EXTM-A /
EXTM-B
External
Modulation
External modulation inputs act on VoRX linear regulator
outputs to superimpose an external 22 kHz signal. Need DC
decoupling to the AC source. If not used they can be left
floating.
4 /
3
P-GND-A /
P-GND-B
Power Grounds
DC-DC converters power grounds.
Epad
Epad
Exposed Pad
To be connected with power grounds and to the ground layer
through vias to dissipate the heat.
22
A-GND
Analog Grounds
Analog circuits grounds.
19
BYP
By-pass Capacitor
Needed for internal pre-regulator filtering. The BYP pin is
intended only to connect an external ceramic capacitor. Any
connection of this pin to external current or voltage sources
may cause permanent damage to the device.
8 /
1
ADDR-A /
ADDR-B
Address Setting
Two I²C addresses available for each section by setting the
Address pins voltage level. See address pin characteristics
table.
15/
26
ISEL-A /
ISEL-B
Current selection
The resistors “RSEL” connected between ISEL and GND define
the linear regulators current limit protection threshold by the
equation: Imax(typ) = 10000 / RSEL.
14 /
27
Reserved
Reserved
To be left floating. Do Not connect to GND.
Table 2.
Pin description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com