Electronic Components Datasheet Search
  English  ▼

X  

LNBH24L Datasheet(PDF) 1 Page - STMicroelectronics

Part # LNBH24L
Description  Dual LNBS supply and control IC with step-up and I²C interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24L Datasheet(HTML) 1 Page - STMicroelectronics

  LNBH24L Datasheet HTML 1Page - STMicroelectronics LNBH24L Datasheet HTML 2Page - STMicroelectronics LNBH24L Datasheet HTML 3Page - STMicroelectronics LNBH24L Datasheet HTML 4Page - STMicroelectronics LNBH24L Datasheet HTML 5Page - STMicroelectronics LNBH24L Datasheet HTML 6Page - STMicroelectronics LNBH24L Datasheet HTML 7Page - STMicroelectronics LNBH24L Datasheet HTML 8Page - STMicroelectronics LNBH24L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
March 2010
Doc ID 16857 Rev 2
1/25
25
LNBH24L
Dual LNBS supply and control IC with step-up and I²C interface
Features
■ Complete interface between LNBS and I²C bus
■ Built-in DC-DC converter for single 12 V supply
operation and high efficiency (typ. 93%@0.5 A)
■ Selectable output current limit by external
resistor
■ Compliant with main satellite receivers output
voltage specification
■ Auxiliary modulation input (EXTM) facilitates
DiSEqC™ 1.X encoding
■ Low-drop post regulator and high efficiency
step-up PWM with integrated power N-MOS
allow low power losses
■ Overload and over-temperature internal
protections with I²C diagnostic bits
■ Output voltage and output current level
diagnostic feedback by I²C bits
■ LNB short circuit dynamic protection
■ +/- 4 kV ESD tolerant on output power pins
Description
Intended for analog and digital DUAL satellite
receivers/Sat-TV, Sat-PC cards, the LNBH24L is
a monolithic voltage regulator and interface IC,
assembled in QFN 5x5 ePAD, specifically
designed to provide the 13 / 18 V power supply
and the 22 kHz tone signaling for two independent
LNB down-converters in the antenna dishes
and/or multi-switch box. In this application field, it
offers a dual tuner STBs complete solution with
extremely low component count, low power
dissipation together with simple design and I²C
standard interfacing.
QFN32 5 x 5 mm (ePad)
Table 1.
Device summary
Order code
Package
Packaging
LNBH24LQTR
QFN32 5 x 5 (Exposed pad)
Tape and reel
www.st.com


Similar Part No. - LNBH24L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBH24LQTR STMICROELECTRONICS-LNBH24LQTR Datasheet
537Kb / 25P
Dual LNBS supply and control IC with step-up and I짼C interface
18-Mar-2010
More results

Similar Description - LNBH24L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBEH21 STMICROELECTRONICS-LNBEH21 Datasheet
588Kb / 22P
LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND IC INTERFACE
05-Jul-2004
LNBH24 STMICROELECTRONICS-LNBH24 Datasheet
446Kb / 30P
Dual LNB supply and control IC with step-up and I2C interface
11-Feb-2008
LNBH23 STMICROELECTRONICS-LNBH23 Datasheet
515Kb / 32P
LNBs supply and control IC with step-up and I²C interface
26-Mar-2008
LNBH221 STMICROELECTRONICS-LNBH221_06 Datasheet
654Kb / 27P
Dual LNB supply and control IC with Step-Up converter and I2C interface
23-Feb-2006
LNBH24_0808 STMICROELECTRONICS-LNBH24_0808 Datasheet
438Kb / 30P
Dual LNB supply and control IC with step-up and I²C interface
27-Aug-2008
LNBH26PQR STMICROELECTRONICS-LNBH26PQR Datasheet
1Mb / 38P
Dual LNBS supply and control IC with step-up and I짼C interface
03-Feb-2012
LNBH24LQTR STMICROELECTRONICS-LNBH24LQTR Datasheet
537Kb / 25P
Dual LNBS supply and control IC with step-up and I짼C interface
18-Mar-2010
LNBH25S STMICROELECTRONICS-LNBH25S Datasheet
1Mb / 37P
LNB supply and control IC with step-up and IC interface
24-Mar-2015
LNBH26LS STMICROELECTRONICS-LNBH26LS Datasheet
1Mb / 33P
Dual LNBS supply and control IC with step-up and IC interface
December 2013 Rev 1
LNBH26S STMICROELECTRONICS-LNBH26S Datasheet
803Kb / 35P
Dual LNBS supply and control I2C with step-up and IC interface
14-Jun-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com