Electronic Components Datasheet Search
  English  ▼

X  

LNBH24L Datasheet(PDF) 4 Page - STMicroelectronics

Part # LNBH24L
Description  Dual LNBS supply and control IC with step-up and I²C interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24L Datasheet(HTML) 4 Page - STMicroelectronics

  LNBH24L Datasheet HTML 1Page - STMicroelectronics LNBH24L Datasheet HTML 2Page - STMicroelectronics LNBH24L Datasheet HTML 3Page - STMicroelectronics LNBH24L Datasheet HTML 4Page - STMicroelectronics LNBH24L Datasheet HTML 5Page - STMicroelectronics LNBH24L Datasheet HTML 6Page - STMicroelectronics LNBH24L Datasheet HTML 7Page - STMicroelectronics LNBH24L Datasheet HTML 8Page - STMicroelectronics LNBH24L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Block diagram
LNBH24L
4/25
Doc ID 16857 Rev 2
1
Block diagram
Figure 1.
Block diagram
SDA SCL
LNBH24L
ADDR-A
A-GND
I²C Diagnostics
DSQIN-A
Vup -A
VoRX -A
PDC
-A
VoTX-A
LX-A
22 kHz
Oscillator
Rsense
EN-A
VSEL-A
Linear Post-reg
+Protections
+Diagnostics
TTX-A
EN-A
VSEL-A
VOUT-A Control
EXTM-A
DSQIN-B
Vup -B
VoRX-B
PDC
-B
VoTX-B
LX-B
Rsense
EN-B
VSEL-B
Linear Post-reg
+Protections
+Diagnostics
TTX-B
EN-B
VSEL-B
VOUT-B Control
EXTM-B
P-GND-A
P-GND-B
ADDR-B
Byp
Vcc
Preregulator
+U.V.lockout
+P.ON reset
Vcc -L
ISEL-A
ISEL-A
ISEL-B
ISEL-B
TTX-A
TTX-B
TEN-A
TEN-B
TEN-B
TTX-A
TTX-B
TEN-A
FB
FB
Pull Down
Controller
Pull Down
Controller
22 kHz
Oscillator
-
-
²
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Rsense
-
-
-
-
-
-
-
-
-
-
-
-
-
-
B
TEN-B
FB
FB
FB
FB
SDA SCL
LNBH24L
ADDR-A
A-GND
I²C Diagnostics
DSQIN-A
Vup -A
VoRX -A
PDC
-A
VoTX-A
LX-A
22 kHz
Oscillator
Rsense
EN-A
VSEL-A
Linear Post-reg
+Protections
+Diagnostics
TTX-A
EN-A
VSEL-A
VOUT-A Control
EXTM-A
DSQIN-B
Vup -B
VoRX-B
PDC
-B
VoTX-B
LX-B
Rsense
EN-B
VSEL-B
Linear Post-reg
+Protections
+Diagnostics
TTX-B
EN-B
VSEL-B
VOUT-B Control
EXTM-B
P-GND-A
P-GND-B
ADDR-B
Byp
Vcc
Preregulator
+U.V.lockout
+P.ON reset
Vcc -L
ISEL-A
ISEL-A
ISEL-B
ISEL-B
TTX-A
TTX-B
TEN-A
TEN-B
TEN-B
TTX-A
TTX-B
TEN-A
FB
FB
Pull Down
Controller
Pull Down
Controller
22 kHz
Oscillator
-
-
²
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Rsense
-
-
-
-
-
-
-
-
-
-
-
-
-
-
B
TEN-B
FB
FB
FB
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com