Electronic Components Datasheet Search
  English  ▼

X  

LNBH24L Datasheet(PDF) 5 Page - STMicroelectronics

Part # LNBH24L
Description  Dual LNBS supply and control IC with step-up and I²C interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24L Datasheet(HTML) 5 Page - STMicroelectronics

  LNBH24L Datasheet HTML 1Page - STMicroelectronics LNBH24L Datasheet HTML 2Page - STMicroelectronics LNBH24L Datasheet HTML 3Page - STMicroelectronics LNBH24L Datasheet HTML 4Page - STMicroelectronics LNBH24L Datasheet HTML 5Page - STMicroelectronics LNBH24L Datasheet HTML 6Page - STMicroelectronics LNBH24L Datasheet HTML 7Page - STMicroelectronics LNBH24L Datasheet HTML 8Page - STMicroelectronics LNBH24L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LNBH24L
Introduction
Doc ID 16857 Rev 2
5/25
2
Introduction
The LNBH24L includes two completely independent sections. Unless for the VCC and I²C
inputs, each circuit can be separately controlled and have its independent external
components. All the below specification must be considered equal for both sections (A/B).
2.1
Application information (valid for each section A/B)
This IC has a built-in DC-DC step-up converter that, from a single source from 8 V to 15 V,
generates the voltages (VUP) that let the linear post-regulator to work at a minimum
dissipated power of 0.55 W typ. @ 500 mA load per channel (the linear post-regulator drop
voltage is internally kept at VUP - VOUT = 1.1 V typ.). An under voltage lockout circuit will
disable the whole circuit when the supplied VCC drops below a fixed threshold (6.7 V
typically).
Note:
In this document the VOUT is intended as the voltage present at the linear post-regulator
output (VoRX pin).
2.2
DiSEqC™ data encoding
The new internal 22 kHz tone generator is factory trimmed in accordance to the standards,
and can be selected by I²C interface TTX bit (or TTX pin) and activated by a dedicated pin
(DSQIN) that allows immediate DiSEqC™ data encoding, or through TEN I²C bit in case the
22 kHz presence is requested in continuous mode. In stand-by condition (EN bit LOW) the
TTX function must be disabled setting TTX to LOW.
2.3
DiSEqC™ 1.X implementation by EXTM pin
In order to improve design flexibility and reduce the total application cost, an analogic
modulation input pin is available (EXTM) to generate the 22 kHz tone superimposed to the
VoRX DC output voltage. An appropriate DC blocking capacitor must be used to couple the
modulating signal source to the EXTM pin. If the EXTM solution is used the output R-L filter
can be removed (see Section 5: Application circuits) saving the external components
cost.The pin EXTM modulates the VoRX voltage through the series decoupling capacitor, so
that:
Where VoRX(AC) and VEXTM(AC) are, respectively, the peak to peak voltage on the VoRX
and EXTM pins while GEXTM is the voltage gain from EXTM to VoRX.
2.4
DISEQC™ 1.X implementation with VoTX and EXTM pin
connection
If an external 22 kHz tone source is not available, it is possible to use the internal 22 kHz
tone generator signal available through the VoTX pin to drive the EXTM pin. By this way the
EXTM
)
AC
(
EXTM
)
AC
(
oRX
G
V
V
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com