Electronic Components Datasheet Search
  English  ▼

X  

ST7260XX Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST7260XX
Description  Low speed USB 8-bit MCU family with up to 8K Flash
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7260XX Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST7260XX Datasheet HTML 72Page - STMicroelectronics ST7260XX Datasheet HTML 73Page - STMicroelectronics ST7260XX Datasheet HTML 74Page - STMicroelectronics ST7260XX Datasheet HTML 75Page - STMicroelectronics ST7260XX Datasheet HTML 76Page - STMicroelectronics ST7260XX Datasheet HTML 77Page - STMicroelectronics ST7260XX Datasheet HTML 78Page - STMicroelectronics ST7260XX Datasheet HTML 79Page - STMicroelectronics ST7260XX Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 139 page
background image
Serial communications interface (SCI)
ST7260xx
76/139
Note:
Resetting and setting the TE bit causes the data in the TDR register to be lost. Therefore the
best time to toggle the TE bit is when the TDRE bit is set i.e. before writing the next byte in
the SCIDR.
Receiver
The SCI can receive data words of either 8 or 9 bits. When the M bit is set, word length is 9
bits and the MSB is stored in the R8 bit in the SCICR1 register.
Character reception
During a SCI reception, data shifts in least significant bit first through the RDI pin. In this
mode, the SCIDR register consists or a buffer (RDR) between the internal bus and the
received shift register (see <Blue HT>Figure 38).
Procedure
●
Select the M bit to define the word length.
●
Select the desired baud rate using the SCIBRR and the SCIERPR registers.
●
Set the RE bit, this enables the receiver which begins searching for a start bit.
When a character is received:
●
The RDRF bit is set. It indicates that the content of the shift register is transferred to the
RDR.
●
An interrupt is generated if the RIE bit is set and the I bit is cleared in the CCR register.
●
The error flags can be set if a frame error, noise or an overrun error has been detected
during reception.
Clearing the RDRF bit is performed by the following software sequence done by:
1.
An access to the SCISR register
2.
A read to the SCIDR register
The RDRF bit must be cleared before the end of the reception of the next character to avoid
an overrun error.
Break Character
When a break character is received, the SCI handles it as a framing error.
Idle Character
When a idle frame is detected, there is the same procedure as a data received character
plus an interrupt if the ILIE bit is set and the I bit is cleared in the CCR register.
Overrun Error
An overrun error occurs when a character is received when RDRF has not been reset. Data
can not be transferred from the shift register to the RDR register as long as the RDRF bit is
not cleared.
When a overrun error occurs:
●
The OR bit is set.
●
The RDR content will not be lost.
●
The shift register will be overwritten.
●
An interrupt is generated if the RIE bit is set and the I bit is cleared in the CCR register.
The OR bit is reset by an access to the SCISR register followed by a SCIDR register read
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com