Electronic Components Datasheet Search
  English  ▼

X  

ST7260XX Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST7260XX
Description  Low speed USB 8-bit MCU family with up to 8K Flash
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7260XX Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST7260XX Datasheet HTML 37Page - STMicroelectronics ST7260XX Datasheet HTML 38Page - STMicroelectronics ST7260XX Datasheet HTML 39Page - STMicroelectronics ST7260XX Datasheet HTML 40Page - STMicroelectronics ST7260XX Datasheet HTML 41Page - STMicroelectronics ST7260XX Datasheet HTML 42Page - STMicroelectronics ST7260XX Datasheet HTML 43Page - STMicroelectronics ST7260XX Datasheet HTML 44Page - STMicroelectronics ST7260XX Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 139 page
background image
ST7260xx
I/O ports
41/139
Figure 22.
Port C configuration
10.2.4
Register description
10.2.5
Data register (PxDR)
DR
DDR
LATCH
LATCH
DR SEL
DDR SEL
VDD
PAD
ALTERNATE ENABLE
ALTERNATE ENABLE
ALTERNATE ENABLE
ALTERNATE
ALTERNATE INPUT
PULL-UP
OUTPUT
P-BUFFER
N-BUFFER
1
0
1
0
CMOS SCHMITT TRIGGER
VSS
VDD
DIODES
PADR
PBDR
PCDR
Reset value: 0000 0000 (00h)
Reset value: 0000 0000 (00h)
Reset value: 1111 x000 (Fxh)
76
543
21
0
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 18.
PxDR register description
Bit
Name
Function
7:0
D[7:0]
Data bits
The DR register has a specific behavior according to the selected input/output
configuration. Writing the DR register is always taken into account even if the pin is
configured as an input. Reading the DR register returns either the DR register latch
content (pin configured as output) or the digital value applied to the I/O pin (pin
configured as input).
– When using open-drain I/Os in output configuration, the value read in DR is the
digital value applied to the I/O pin.
– For Port C, unused bits (7-3) are not accessible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com