Electronic Components Datasheet Search
  English  ▼

X  

ST7260XX Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST7260XX
Description  Low speed USB 8-bit MCU family with up to 8K Flash
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7260XX Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST7260XX Datasheet HTML 41Page - STMicroelectronics ST7260XX Datasheet HTML 42Page - STMicroelectronics ST7260XX Datasheet HTML 43Page - STMicroelectronics ST7260XX Datasheet HTML 44Page - STMicroelectronics ST7260XX Datasheet HTML 45Page - STMicroelectronics ST7260XX Datasheet HTML 46Page - STMicroelectronics ST7260XX Datasheet HTML 47Page - STMicroelectronics ST7260XX Datasheet HTML 48Page - STMicroelectronics ST7260XX Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 139 page
background image
ST7260xx
Watchdog timer (WDG)
45/139
Figure 23.
Watchdog block diagram
Note:
1
Following a reset, the watchdog is disabled. Once activated it cannot be disabled, except by
a reset.
2
The T6 bit can be used to generate a software reset (the WDGA bit is set and the T6 bit is
cleared).
12.3.1
Software watchdog option
If Software Watchdog is selected by option byte, the watchdog is disabled following a reset.
Once activated it cannot be disabled, except by a reset.
The T6 bit can be used to generate a software reset (the WDGA bit is set and the T6 bit is
cleared).
12.3.2
Hardware watchdog option
If Hardware Watchdog is selected by option byte, the watchdog is always active and the
WDGA bit in the CR is not used.
Table 23.
Watchdog timing (fCPU = 8 MHz)
CR register initial value
WDG timeout period (ms)
Max
FFh
393.216
Min
C0h
6.144
RESET
WDGA
7-BIT DOWNCOUNTER
fCPU
T6
T0
CLOCK DIVIDER
WATCHDOG CONTROL REGISTER (CR)
÷49152
T1
T2
T3
T4
T5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com