Electronic Components Datasheet Search
  English  ▼

X  

ST7260XX Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST7260XX
Description  Low speed USB 8-bit MCU family with up to 8K Flash
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7260XX Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST7260XX Datasheet HTML 36Page - STMicroelectronics ST7260XX Datasheet HTML 37Page - STMicroelectronics ST7260XX Datasheet HTML 38Page - STMicroelectronics ST7260XX Datasheet HTML 39Page - STMicroelectronics ST7260XX Datasheet HTML 40Page - STMicroelectronics ST7260XX Datasheet HTML 41Page - STMicroelectronics ST7260XX Datasheet HTML 42Page - STMicroelectronics ST7260XX Datasheet HTML 43Page - STMicroelectronics ST7260XX Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 139 page
background image
I/O ports
ST7260xx
40/139
Figure 21.
Port B configuration
10.2.3
Port C
PB7
without pull-up
push-pull
IT8 Schmitt triggered
input
IT7E = 1 (ITIFRE)
1.
Reset state
2.
On SO24 only
Table 16.
Port B description (continued)
Port B
I/O
Alternate function
Input(1)
Output
Signal
Condition
DR
DDR
LATCH
LATCH
DR SEL
DDR SEL
VDD
PAD
ALTERNATE ENABLE
ALTERNATE ENABLE
DIGITAL ENABLE
ALTERNATE ENABLE
ALTERNATE
ALTERNATE INPUT
OUTPUT
P-BUFFER
N-BUFFER
1
0
1
0
VSS
VDD
DIODES
Table 17.
Port C description
Port C
I/O
Alternate function
Input(1)
1.
Reset state
Output
Signal
Condition
PC0
with pull-up
push-pull
RDI (SCI input)
PC1
with pull-up
push-pull
TDO (SCI output)
SCI enable
PC2(2)
2.
Not available on SO24
with pull-up
push-pull
USBOE
(USB output enable)
USBOE =1
(MISCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com