Electronic Components Datasheet Search
  English  ▼

X  

GH2801S Datasheet(PDF) 3 Page - International Rectifier

Part # GH2801S
Description  HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GH2801S Datasheet(HTML) 3 Page - International Rectifier

  GH2801S Datasheet HTML 1Page - International Rectifier GH2801S Datasheet HTML 2Page - International Rectifier GH2801S Datasheet HTML 3Page - International Rectifier GH2801S Datasheet HTML 4Page - International Rectifier GH2801S Datasheet HTML 5Page - International Rectifier GH2801S Datasheet HTML 6Page - International Rectifier GH2801S Datasheet HTML 7Page - International Rectifier GH2801S Datasheet HTML 8Page - International Rectifier GH2801S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
GH-SERIES
(28V Input, Single Output)
3
2016-05-16
Electrical Performance Characteristics (continued)
For Notes to Electrical Performance Characteristics, refer to page 4.
Parameter
Group A
Subgroup
Conditions
-55°C
 TC  +85°C
VIN = 28V DC ± 5%, CL = 0
unless otherwise specified
Limits
Unit
Min
Nom
Max
Synchronization Input
frequency range
pulse high level
pulse low level
pulse transition time
pulse duty cycle
Ext. Clock on Sync. Input (Pin 4)
Note 1
450
4.0
-0.5
80
20
600
10.0
0.5
80
kHz
V
V
V/
s
%
Output ripple (VRIP)
GH2801S
GH2801R5S
GH2801R8S
GH2802R5S
GH2803R3S
GH2805S
1,2,3
IOUT = 100% rated load
Note 4
5
5
5
10
10
10
15
15
15
25
25
30
mVp-p
Efficiency (EFF)
GH2801S
GH2801R5S
GH2801R8S
GH2802R5S
GH2803R3S
GH2805S
1
IOUT = 100% rated load
70
72
75
81
83
85
73
75
78
84
85
87
%
Inhibit Input
open circuit voltage
drive current (sink)
voltage range
1,2,3
Note 1
3.0
-0.5
5.0
100
50
V
A
V
Current Limit Point
Expressed as a percentage
of full rated load current
1,2,3
VOUT = 90% of Nominal
125
135
%
Power dissipation, load fault (PD)
1,2,3
Short Circuit, Overload, Note 6
17
25
W
Output response to
step load changes (VTLD)
GH2801S
GH2801R5S
GH2801R8S
GH2802R5S
GH2803R3S
GH2805S
4,5,6
Half Load to/from Full Load, Note 7
-300
-300
-300
-300
-300
-300
300
300
300
300
300
300
mVpk
Recovery time,
step load changes (TTLD)
GH2801S
GH2801R5S
GH2801R8S
GH2802R5S
GH2803R3S
GH2805S
4,5,6
Half Load to/from Full Load,
Notes 7, 8
250
250
250
250
250
250
s
Output response to
step line changes (VTLN)
4,5,6
24V to/from 32V
IOUT = 100% rated load, Notes 1, 9
-50
50
mVpk



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com