Electronic Components Datasheet Search
  English  ▼

X  

GH2801S Datasheet(PDF) 6 Page - International Rectifier

Part # GH2801S
Description  HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GH2801S Datasheet(HTML) 6 Page - International Rectifier

Back Button GH2801S Datasheet HTML 2Page - International Rectifier GH2801S Datasheet HTML 3Page - International Rectifier GH2801S Datasheet HTML 4Page - International Rectifier GH2801S Datasheet HTML 5Page - International Rectifier GH2801S Datasheet HTML 6Page - International Rectifier GH2801S Datasheet HTML 7Page - International Rectifier GH2801S Datasheet HTML 8Page - International Rectifier GH2801S Datasheet HTML 9Page - International Rectifier GH2801S Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
GH-SERIES
(28V Input, Single Output)
6
2016-05-16
Fig. 4 - Block Diagram - Single Output
Fig. 3 – EMI CE03 Specification Limits and Typical Performance
1
2
3
Input
Inhibit
Input
Return
Output
Output
Return
4
Sync
Input
-Sense
13
Sync
Output
BIAS
SUPPLY
UVLO &
INHIBIT
EMI
FILTER
PEAK
CURRENT
DETECTION
+12V
OSCILLATOR
PWM
CONTROLLER
SAMPLE
&
HOLD
FEEDBACK
TRIGGER
Case
SENSE
AMPLIFIER
ERROR
AMPLIFIER
+Sense
Vfb
REF &
S.S.
Ref
Aout
Bout
S.S.
Output
Adjust
Clk
+9V Sec. Bias
6
11
12
5
7/8
9/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com