Electronic Components Datasheet Search
  English  ▼

X  

GH2801S Datasheet(PDF) 5 Page - International Rectifier

Part # GH2801S
Description  HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GH2801S Datasheet(HTML) 5 Page - International Rectifier

  GH2801S Datasheet HTML 1Page - International Rectifier GH2801S Datasheet HTML 2Page - International Rectifier GH2801S Datasheet HTML 3Page - International Rectifier GH2801S Datasheet HTML 4Page - International Rectifier GH2801S Datasheet HTML 5Page - International Rectifier GH2801S Datasheet HTML 6Page - International Rectifier GH2801S Datasheet HTML 7Page - International Rectifier GH2801S Datasheet HTML 8Page - International Rectifier GH2801S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
GH-SERIES
(28V Input, Single Output)
5
2016-05-16
Efficiency vs. Output Current at 25ºC, 5V
Output (GH2805S)
40
45
50
55
60
65
70
75
80
85
90
02
46
8
10
Output Current, A
18V Vin
28V Vin
40V Vin
Fig. 1 –Typical Efficiency vs Output Current @ 25°C, 5V Output (GH2805S)
Efficiency vs. Temperature, 5V Output
(GH2805S)
50
55
60
65
70
75
80
85
90
02
4
6
8
10
Output Current, A
-55ºC
25ºC
85ºC
Fig. 2 –Typical Efficiency vs Temperature, 5V Output (GH2805S)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com