Electronic Components Datasheet Search
  English  ▼

X  

GH2801S Datasheet(PDF) 1 Page - International Rectifier

Part # GH2801S
Description  HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GH2801S Datasheet(HTML) 1 Page - International Rectifier

  GH2801S Datasheet HTML 1Page - International Rectifier GH2801S Datasheet HTML 2Page - International Rectifier GH2801S Datasheet HTML 3Page - International Rectifier GH2801S Datasheet HTML 4Page - International Rectifier GH2801S Datasheet HTML 5Page - International Rectifier GH2801S Datasheet HTML 6Page - International Rectifier GH2801S Datasheet HTML 7Page - International Rectifier GH2801S Datasheet HTML 8Page - International Rectifier GH2801S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
 Total Ionization Dose (TID) > 100 kRad(Si)
 SEE Hardened to LET Level > 82 MeVcm2/mg
 Internal EMI filter
 Low Weight, < 110 grams
 Magnetically Coupled Feedback
 18V to 40V DC Input Range
 Up to 50W Output Power
 Single Output Models Include
1V, 1.5V, 1.8V, 2.5V, 3.3V and 5V
 High Efficiency - to 87%
 -55°C to +85°C Operating Temperature Range
 100M @ 100VDC Isolation
 Under-Voltage Lockout
 Short Circuit and Overload Protection
 Output Voltage Adjust
 Synchronization Output and Input
 Remote Sense
 External Inhibit
 
HIGH RELIABILITY, HIGH EFFICIENCY
RADIATION HARDENED
DC-DC CONVERTER
GH
GH-SERIES
Description
The GH-Series is a family of low voltage single output
DC-DC converters. They are specifically designed in
response to the need for low voltage at moderate current
levels with the high efficiency and tight regulation dictated
by modern digital processing applications. The converters
are radiation hardened, high reliability converters designed for
extended operation in hostile environments. Their small
size and low weight make them ideal for applications
such as geostationary earth orbit satellites and deep
space probes. They exhibit a high tolerance to total ionizing
dose, single event effects and environmental stresses
such as temperature extremes, mechanical shock, and
vibration. All components are fully de-rated to meet the
requirements of MIL-STD-975, MIL-STD-1547 except for
the CDR type of capacitors, a capacitor with 50V rating is
used for in-circuit voltage stress of less than10V. Thorough
analyses and documentation including beginning-of-life
(BOL) and end-of-life (EOL) electrical worst case (WCA)
operation, component stress and de-rating, radiation
susceptibility (TREE), thermal stress, failure mode and
effects (FMEA), and reliability (MTBF) are available for
customer review.
The design incorporates a fixed frequency topology with
magnetic feedback. Synchronous rectification is deployed
to maximize efficiency performance. The converters include an
internal EMI filter that is capable of meeting the conducted
emission requirements of most major satellite power busses.
Incorporation of many functional features including on/off
command, remote sensing, and under-voltage lockout
make the design suitable for today’s space design applications.
The converter is enclosed in a hermetically sealed package
with the overall dimensions of 3.5"L x 2.50”W x 0.475"H
including the I/O pins and mounting tabs. The package
base material is silicon carbide-aluminum (AISIC). The
package ring frame is Alloy 48. The package utilizes
rugged ceramic feed-through copper core I/O pins and is
sealed using parallel seam welding. The total mass of a
converter is less than 110 grams.
Manufactured in a facility fully qualified to MIL-PRF-38534,
these converters are fabricated utilizing DLA Land and
Maritime qualified processes. For available screening
options, refer to device screening table in the data sheet.
1
2016-05-16
PD-97440D
28V Input, Single Output
Applications
 Geostationary Earth Orbit Satellites (GEO)
 Deep Space Satellites / Probes
 Strategic Weapons and Communication System
Non-flight versions of the GH-Series converters are
available for system development purposes. Variations in
electrical specifications and screening to meet custom
requirements can be accommodated.


Similar Part No. - GH2801S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GH2801SCKA IRF-GH2801SCKA Datasheet
197Kb / 9P
HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
GH2801SCKC IRF-GH2801SCKC Datasheet
197Kb / 9P
HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
GH2801SEMA IRF-GH2801SEMA Datasheet
197Kb / 9P
HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
GH2801SEMC IRF-GH2801SEMC Datasheet
197Kb / 9P
HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - GH2801S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GH2803R3SCKX IRF-GH2803R3SCKX Datasheet
197Kb / 9P
HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G2803R305R4T IRF-M3G2803R305R4T Datasheet
146Kb / 9P
HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
logo
Infineon Technologies A...
M3H280515T INFINEON-M3H280515T Datasheet
289Kb / 9P
HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
2016-04-19
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com