Electronic Components Datasheet Search
  English  ▼

X  

GH2801S Datasheet(PDF) 4 Page - International Rectifier

Part # GH2801S
Description  HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GH2801S Datasheet(HTML) 4 Page - International Rectifier

  GH2801S Datasheet HTML 1Page - International Rectifier GH2801S Datasheet HTML 2Page - International Rectifier GH2801S Datasheet HTML 3Page - International Rectifier GH2801S Datasheet HTML 4Page - International Rectifier GH2801S Datasheet HTML 5Page - International Rectifier GH2801S Datasheet HTML 6Page - International Rectifier GH2801S Datasheet HTML 7Page - International Rectifier GH2801S Datasheet HTML 8Page - International Rectifier GH2801S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
GH-SERIES
(28V Input, Single Output)
4
2016-05-16
Electrical Performance Characteristics (continued)
Parameter
Group A
Subgroup
Conditions
-55°C
 TC  +85°C
VIN = 28V DC ± 5%, CL = 0
unless otherwise specified
Limits
Unit
Min
Nom
Max
Recovery time,
step line changes (TTLN)
4,5,6
24V to/from 32V
IOUT = 100% rated load, Notes 1, 8, 9
200
s
Turn-on Response
Overshoot (VOSH)
Turn-on Delay (TDLY)
4,5,6
No Load, Full Load
Note 10
0
250
5.0
mV
ms
Capacitive Load (CL)
1
IOUT = 100% rated load
No effect on DC performance
Notes 1, 5
5000
F
Line Rejection
1
IOUT = 100% rated load
DC to 50kHz, Note 1
40
60
dB
Electromagnetic Interference
(EMI), conducted emission (CE)
1
IOUT = 100% rated load, Note 1
Per Fig. 3
Isolation
1
Input to Output or Any Pin to Case
except pin 13, test @ 100VDC
100
M
Device Mass
110
g
MTBF
MIL-HDBK-217F2, SF, 35°C, Note 11
5.8x106
Hrs
 Notes for Electrical Performance Characteristics Table
1. Parameter is tested as part of design characterization or after design changes. Thereafter, parameter shall be
guaranteed to the limits specified.
2. Parameter verified during line and load regulation tests.
3. These are beginning-of-life (BOL) limits. End-of-life (EOL) limits are -3% and +3% of nominal limit for Min and Max,
respectively.
4. Guaranteed for a D.C. to 20MHz bandwidth. Tested using a 20kHz to 10MHz bandwidth.
5. Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. A capacitive load
in excess of the maximum limit may interfere with the proper operation of the converter’s overload protection, causing
erratic behavior during turn-on.
6. Overload power dissipation is defined as the device power dissipation with the load set such that VOUT = 90% of nominal.
7. Load step slew rate
 0.5A/s.
8. Recovery time is measured from the initiation of the transient to where VOUT has returned to within ±1% of its steady state
value.
9. Line step slew rate
1.0V/s.
10. Turn-on delay time from either a step application of input power or a logic low to a logic high transition on the inhibit pin
(pin 3) to the point where VOUT = 90% of nominal.
11. MIL-HDBK MOSFET failure rates replaced by empirical failure rate data supplied by IR HiRel.
Radiation Performance Characteristics
Test Inspection
Method
Min
Typ
Unit
Total Ionizing Dose (Gamma)
MIL-PRF-883, Method 1019.5
Operating bias applied during exposure,
Half Rated Load, VIN = 28V
100
kRads(Si)
Single Event Effects
SEU, SEL, SEGR, SEB
Heavy Ions (LET)
Operating bias applied during exposure,
Half Rated Load, VIN = 18V, 28V & 50V
Test lab: Cyclotron Institute
Texas A & M University
82
MeV
cm2/mg
IR HiRel currently does not have a DLA Land and Maritime certified Radiation Hardness Assurance Program.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com