Electronic Components Datasheet Search
  English  ▼

X  

TUSB544 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB544
Description  USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB544 Datasheet(HTML) 2 Page - Texas Instruments

  TUSB544 Datasheet HTML 1Page - Texas Instruments TUSB544 Datasheet HTML 2Page - Texas Instruments TUSB544 Datasheet HTML 3Page - Texas Instruments TUSB544 Datasheet HTML 4Page - Texas Instruments TUSB544 Datasheet HTML 5Page - Texas Instruments TUSB544 Datasheet HTML 6Page - Texas Instruments TUSB544 Datasheet HTML 7Page - Texas Instruments TUSB544 Datasheet HTML 8Page - Texas Instruments TUSB544 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
2
TUSB544
SLLSEZ0B – APRIL 2017 – REVISED MAY 2017
www.ti.com
Product Folder Links: TUSB544
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 6
6.5
Power Supply Characteristics ................................... 6
6.6
DC Electrical Characteristics .................................... 6
6.7
AC Electrical Characteristics..................................... 7
6.8
Timing Requirements ................................................ 9
6.9
Switching Characteristics .......................................... 9
6.10
Typical Characteristics .......................................... 12
7
Detailed Description ............................................ 15
7.1
Overview ................................................................. 15
7.2
Functional Block Diagram ....................................... 16
7.3
Feature Description................................................. 17
7.4
Device Functional Modes........................................ 18
7.5
Programming .......................................................... 29
7.6
Register Maps ........................................................ 30
8
Application and Implementation ........................ 39
8.1
Application Information............................................ 39
8.2
Typical Application ................................................. 39
8.3
System Examples .................................................. 43
9
Power Supply Recommendations ...................... 50
10
Layout................................................................... 51
10.1
Layout Guidelines ................................................. 51
10.2
Layout Example .................................................... 51
11
Device and Documentation Support ................. 52
11.1
Documentation Support ....................................... 52
11.2
Receiving Notification of Documentation Updates 52
11.3
Community Resources.......................................... 52
11.4
Trademarks ........................................................... 52
11.5
Electrostatic Discharge Caution ............................ 52
11.6
Glossary ................................................................ 52
12
Mechanical, Packaging, and Orderable
Information ........................................................... 52
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (April 2017) to Revision B
Page
•
Added a MIN value of 0.5 pF to CI_I2C in the DC Electrical Characteristics table .................................................................. 7
•
Changed VRX-DC-CM, deleted the MIN and MAX values and added TYP = 0 V in the AC Electrical Characteristics table...... 7
•
Changed EQSS Description From: "Receiver equalization" To: "Receiver equalization at maximum setting" in the AC
Electrical Characteristics table ............................................................................................................................................... 7
•
Changed EQSS From: MAX = 9.8 dB To: MAX = 9 dB in the AC Electrical Characteristics table ......................................... 7
•
Changed VTX-DC-CM, deleted the MIN and MAX values and added TYP = 1.75 V in the AC Electrical Characteristics table. 7
•
Changed RLTX-DIFF From: TYP = -14 dB To: TYP = -13 dB in the AC Electrical Characteristics table................................... 8
•
Changed RLTX-CM From: TYP = -13 dB To: TYP = -11 dB in the AC Electrical Characteristics table .................................... 8
•
Changed GLF From: MAX = 2.5 dB To: MAX = 1 dB in the AC Electrical Characteristics table ............................................ 8
•
Changed VIC, deleted the MIN and MAX values and added TYP = 0 V in the AC Electrical Characteristics table............... 8
•
Changed the EQDP entry in the AC Electrical Characteristics table ....................................................................................... 8
•
Changed VTX(DC-CM), deleted the MIN and MAX values and added TYP = 1.75 V in the AC Electrical Characteristics table 8
•
Changed the tIDLEExit_DISC value From: TYP = 10 µs To TYP = 15 ms in the Timing Requirements table.............................. 9
•
Changed the tCTL1_DEBOUNCE value From: MIN = 2 ms To: MIN = 3 ms in the Switching Characteristics table ..................... 9
Changes from Original (April 2017) to Revision A
Page
•
Changed SUB1, SUB2, AUXn, and AUXp pin labels on the Sink side of Figure 45............................................................ 47
•
Changed SUB1, SUB2, AUXn, and AUXp pin labels on the Sink side of Figure 46............................................................ 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com