Electronic Components Datasheet Search
  English  ▼

X  

TUSB544 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB544
Description  USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB544 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB544 Datasheet HTML 8Page - Texas Instruments TUSB544 Datasheet HTML 9Page - Texas Instruments TUSB544 Datasheet HTML 10Page - Texas Instruments TUSB544 Datasheet HTML 11Page - Texas Instruments TUSB544 Datasheet HTML 12Page - Texas Instruments TUSB544 Datasheet HTML 13Page - Texas Instruments TUSB544 Datasheet HTML 14Page - Texas Instruments TUSB544 Datasheet HTML 15Page - Texas Instruments TUSB544 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
Differential Input Voltage (mVpp)
0
200
400
600
800 1000 1200 1400 1600 1800 2000
0
200
400
600
800
1000
1200
1400
1600
1800
D010
EQ 0
EQ 2
EQ 4
EQ 6
EQ 8
EQ 10
EQ 12
EQ 15
Differential Input Voltage (mVpp)
0
200
400
600
800 1000 1200 1400 1600 1800 2000
0
200
400
600
800
1000
1200
1400
1600
1800
D008
EQ 0
EQ 2
EQ 4
EQ 6
EQ 8
EQ 10
EQ 12
EQ 15
Frequency (GHz)
0
5
10
15
20
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
D003
Frequency (GHz)
0
5
10
15
20
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
D004
Frequency (GHz)
0
5
10
15
20
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
D001
Frequency (GHz)
0
5
10
15
20
-35
-30
-25
-20
-15
-10
-5
0
D002
12
TUSB544
SLLSEZ0B – APRIL 2017 – REVISED MAY 2017
www.ti.com
Product Folder Links: TUSB544
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.10 Typical Characteristics
Figure 7. Input Return Loss Performance of the Downstream
Ports
Figure 8. Output Return Loss Performance of the
Downstream Ports
Figure 9. Input Return Loss Performance of the Upstream
Ports
Figure 10. Output Return Loss Performance of the Upstream
Ports
2.5 GHz
Figure 11. Downstream-to-Upstream Linearity Performance
at 2.5 GHz
4.05 GHz
Figure 12. Downstream-to-Upstream Linearity Performance
at 4.05 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com