Electronic Components Datasheet Search
  English  ▼

X  

TUSB544 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB544
Description  USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB544 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB544 Datasheet HTML 4Page - Texas Instruments TUSB544 Datasheet HTML 5Page - Texas Instruments TUSB544 Datasheet HTML 6Page - Texas Instruments TUSB544 Datasheet HTML 7Page - Texas Instruments TUSB544 Datasheet HTML 8Page - Texas Instruments TUSB544 Datasheet HTML 9Page - Texas Instruments TUSB544 Datasheet HTML 10Page - Texas Instruments TUSB544 Datasheet HTML 11Page - Texas Instruments TUSB544 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
8
TUSB544
SLLSEZ0B – APRIL 2017 – REVISED MAY 2017
www.ti.com
Product Folder Links: TUSB544
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
AC Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ITX-SHORT
TX short circuit current
TXP/N shorted to GND
67
mA
RLTX-DIFF
Differential return loss
50 MHz – 1.25 GHz at 90 Ω
–16
dB
2.5 GHz at 90 Ω
–13
dB
RLTX-CM
Common-mode return loss
50 MHz – 2.5 GHz at 90 Ω
–11
dB
AC Characteristics
Crosstalk
Differential crosstalk between any
signal pairs
at 4.05 GHz
–30
dB
GLF
Low frequency voltage gain
at 10 MHz, 200 mVPP < VID
< 2000 mVPP; 0-dB low-frequency gain
setting
–1
0
1
dB
CP1dB-LF
Low frequency 1-dB compression
point
at 10 MHz, 200 mVPP < VID
< 2000 mVPP; VOD linearity setting =
1100mVPP
1100
mVPP
CP1dB-HF
High frequency 1-dB compression
point
at 4.05 GHz, 200 mVPP < VID
< 2000 mVPP; VOD linearity setting =
1100mVPP
1200
mVPP
fLF
Low frequency cutoff
200 mVPP< VID < 2000 mVPP
25
50
kHz
DJ
TX output deterministic jitter
200 mVPP < VID < 2000 mVPP, PRBS7,
5 Gbps
0.05
UIpp
200 mVPP < VID < 2000 mVPP, PRBS7,
8.1 Gbps
0.08
UIpp
TJ
TX output total jitter
200 mVPP < VID < 2000 mVPP, PRBS7,
5 Gbps
0.08
UIpp
200 mVPP < VID < 2000 mVPP, PRBS7,
8.1 Gbps
0.135
UIpp
DisplayPort Receiver UTX1P/N, UTX2P/N, URX1P/N, URX2P/N
VID_PP
Peak-to-peak input differential dynamic voltage range
2000
mVpp
VIC
Input common mode voltage
0
V
CAC
AC coupling capacitance
75
200
nF
EQDP
Receiver equalizer at maximum setting DEQ[1:0],UEQ[1:0] at 4.05 GHz
9.5
dB
dR
Data rate
HBR3
8.1
Gbps
Rti
Input termination resistance
80
100
120
Ω
DisplayPort Transmitter DTX1P/N, DTX2P/N, DRX1P/N, DRX2P/N
VTX-DIFFPP
VOD dynamic range
1500
mV
ITX-SHORT
TX short circuit current
TXP/N shorted to GND
67
mA
VTX(DC-CM)
Common-mode voltage bias in the transmitter (DC)
1.75
V
AUXP/N and SBU1/2
RON
Output ON resistance
VCC = 3.3 V; VI = 0 to
0.4 V for AUXP;
VI = 2.7 V to 3.6 V for AUXN
5
10
Ω
ΔRON
ON resistance mismatch within pair
VCC = 3.3 V; VI = 0 to
0.4V for AUXP;
VI = 2.7V to 3.6V for AUXN
1
Ω
RON_FLAT
ON resistance flatness (RON max –
RON min) measured at identical VCC
and temperature
VCC = 3.3 V; VI = 0 to
0.4V for AUXP;
VI = 2.7V to 3.6 V for AUXN
2
Ω
VAUXP_DC_CM
AUX Channel DC common mode
voltage for AUXP and SBU1.
VCC = 3.3 V
0
0.4
V
VAUXN_DC_CM
AUX Channel DC common mode
voltage for AUXN and SBU2
VCC = 3.3 V
2.7
3.6
V
CAUX_ON
ON-state capacitance
VCC = 3.3V; CTL1 = 1;
VI = 0V or 3.3V
4
7
pF
CAUX_OFF
OFF-state capacitance
VCC = 3.3V; CTL1 = 0;
VI = 0V or 3.3V
3
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com