Electronic Components Datasheet Search
  English  ▼

X  

TUSB544 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB544
Description  USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB544 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB544 Datasheet HTML 9Page - Texas Instruments TUSB544 Datasheet HTML 10Page - Texas Instruments TUSB544 Datasheet HTML 11Page - Texas Instruments TUSB544 Datasheet HTML 12Page - Texas Instruments TUSB544 Datasheet HTML 13Page - Texas Instruments TUSB544 Datasheet HTML 14Page - Texas Instruments TUSB544 Datasheet HTML 15Page - Texas Instruments TUSB544 Datasheet HTML 16Page - Texas Instruments TUSB544 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
0
200
400
600
800 1000 1200 1400 1600 1800 2000
0
200
400
600
800
1000
1200
1400
1600
D011
EQ 0
EQ 2
EQ 4
EQ 6
EQ 8
EQ 10
EQ 12
EQ 15
Differential Input Voltage (mVpp)
0
200
400
600
800 1000 1200 1400 1600 1800 2000
0
200
400
600
800
1000
1200
1400
1600
D012
EQ 0
Differential Input Voltage (mVpp)
0
200
400
600
800 1000 1200 1400 1600 1800 2000
0
200
400
600
800
1000
1200
1400
1600
D009
EQ 0
Differential Input Voltage (mVpp)
0
200
400
600
800 1000 1200 1400 1600 1800 2000
0
200
400
600
800
1000
1200
1400
1600
1800
D010
EQ 0
EQ 2
EQ 4
EQ 6
EQ 8
EQ 10
EQ 12
EQ 15
13
TUSB544
www.ti.com
SLLSEZ0B – APRIL 2017 – REVISED MAY 2017
Product Folder Links: TUSB544
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
100 MHz
Figure 13. Downstream-to-Upstream Linearity Performance
at 100 MHz
2.5 GHz
Figure 14. Upstream-to-Downstream Linearity Performance
at 2.5 GHz
4.05 GHz
Figure 15. Upstream-to-Downstream Linearity Performance
at 4.05 GHz
100 MHz
Figure 16. Upstream-to-Downstream Linearity Performance
at 100 MHz
Source
Data Rate: 5 Gbps
Swing: 1 Vpp
Data Pattern: PRBS7
Channel
Upstream-to-Downstream, 12 in 6 mil Input PCB
Channel
Settings
EQ Setting: 7
DC Gain Setting: 0 dB
Linear Range Setting: 1100 mVpp
Figure 17. Output Eye-Pattern Performance at 5 Gbps
Source
Data Rate: 8.1 Gbps
Swing: 1 Vpp
Data Pattern: PRBS7
Channel
Upstream-to-Downstream, 12 in 6 mil Input PCB
Channel
Settings
EQ Setting: 7 DC Gain Setting: 0 dB
Linear Range Setting: 1100 mVpp
Figure 18. Output Eye-Pattern Performance at 8.1 Gbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com