Electronic Components Datasheet Search
  English  ▼

X  

HAL320 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HAL320
Description  Differential Hall Effect Sensor IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL320 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HAL320 Datasheet HTML 1Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 2Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 3Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 4Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 5Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 6Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 7Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 8Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
HAL320
3
Micronas
Solderability
– Package SOT-89A and SOT-89B: according to
IEC68-2-58
– Package TO-92UA: according to IEC68-2-20
OUT
GND
3
2
1
VDD
Fig. 1: Pin configuration
Functional Description
This Hall effect sensor is a monolithic integrated circuit
with 2 Hall plates 2.25 mm apart that switches in re-
sponse to differential magnetic fields. If magnetic fields
with flux lines at right angles to the sensitive areas are
applied to the sensor, the biased Hall plates force Hall
voltages proportional to these fields. The difference of
the Hall voltages is compared with the actual threshold
level in the comparator. The temperature-dependent
bias increases the supply voltage of the Hall plates and
adjusts the switching points to the decreasing induction
of magnets at higher temperatures. If the differential
magnetic field exceeds the threshold levels, the open
drain output switches to the appropriate state. The built-
in hysteresis eliminates oscillation and provides switch-
ing behavior of the output without oscillation.
Magnetic offset caused by mechanical stress at the Hall
plates is compensated for by using the “switching offset
compensation technique”: An internal oscillator pro-
vides a two phase clock (see Fig. 3). The difference of
the Hall voltages is sampled at the end of the first phase.
At the end of the second phase, both sampled differen-
tial Hall voltages are averaged and compared with the
actual switching point. Subsequently, the open drain
output switches to the appropriate state. The amount of
time that elapses from crossing the magnetic switch lev-
el to the actual switching of the output can vary between
zero and 1/fosc.
Shunt protection devices clamp voltage peaks at the
Output-Pin and VDD-Pin together with external series re-
sistors. Reverse current is limited at the VDD-Pin by an
internal series resistor up to –15 V. No external reverse
protection diode is needed at the VDD-Pin for values
ranging from 0 V to –15 V.
HAL 320
Temperature
Dependent
Bias
Switch
Hysteresis
Control
Comparator
Output
VDD
1
OUT
3
Clock
GND
2
Fig. 2: HAL 320 block diagram
Short Circuit &
Overvoltage
Protection
Reverse
Voltage &
Overvoltage
Protection
Hall Plate
S1
Hall Plate
S2
t
VOL
VOUT
1/fosc = 16 µs
Fig. 3: Timing diagram
VOH
DB
DBON
fosc
t
t
tf
t
IDD
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com