Electronic Components Datasheet Search
  English  ▼

X  

HAL320 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HAL320
Description  Differential Hall Effect Sensor IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL320 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HAL320 Datasheet HTML 1Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 2Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 3Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 4Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 5Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 6Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 7Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 8Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
HAL320
2
Micronas
Differential Hall Effect Sensor IC
in CMOS technology
Introduction
The HAL 320 is a differential Hall switch produced in
CMOS technology. The sensor includes 2 temperature-
compensated Hall plates (2.25 mm apart) with active off-
set compensation, a differential amplifier with a Schmitt
trigger, and an open-drain output transistor (see Fig. 2).
The HAL 320 is a differential sensor which responds to
spatial differences of the magnetic field. The Hall volt-
ages at the two Hall plates, S1 and S2, are amplified with
a differential amplifier. The differential signal is
compared with the actual switching level of the internal
Schmitt trigger. Accordingly, the output transistor is
switched on or off. The sensor has a bipolar switching
behavior and requires positive and negative values of
∆B = BS1 – BS2 for correct operation.
Basically, there are two ways to generate the differential
signal
∆B:
– Rotating a multi-pole-ring in front of the branded side
of the package (see Fig. 4, Fig. 5, and Fig. 6).
– Back-bias applications:
A magnet on the back side of the package generates
a back-bias field at both Hall plates. The differential
signal
∆B results from the magnetic modulation of the
back-bias field by a rotating ferromagnetic target.
The active offset compensation leads to constant mag-
netic characteristics over supply voltage and tempera-
ture.
The sensor is designed for industrial and automotive ap-
plications and operates with supply voltages from 4.5 V
to 24 V in the ambient temperature range from –40
°C
up to 150
°C.
The HAL 320 is an ideal sensor for target wheel applica-
tions, ignition timing, anti-lock brake systems, and revo-
lution counting in extreme automotive and industrial en-
vironments
The HAL 320 is available in two SMD-packages
(SOT-89A and SOT-89B) and in a leaded version
(TO-92UA).
Features:
– distance between Hall plates: 2.25 mm
– operates from 4.5 V to 24 V supply voltage
– switching offset compensation at 62 kHz
– overvoltage protection
– reverse-voltage protection of VDD-pin
– short-circuit protected open-drain output by thermal
shutdown
– operates with magnetic fields from DC to 10 kHz
– output turns low with magnetic south pole on branded
side of package and with a higher magnetic flux densi-
ty in sensitive area S1 as in S2
– on-chip temperature compensation circuitry mini-
mizes shifts of the magnetic parameters over temper-
ature and supply voltage range
– EMC corresponding to DIN 40839
Marking Code
Type
Temperature Range
A
E
C
HAL 320SF,
HAL 320SO,
HAL 320UA
320A
320E
320C
Operating Junction Temperature Range (TJ)
A: TJ = –40 °C to +170 °C
E: TJ = –40 °C to +100 °C
C: TJ = 0 °C to +100 °C
The relationship between ambient temperature (TA) and
junction temperature (TJ) is explained on page 11.
Hall Sensor Package Codes
Type: 320
HAL XXXPA-T
Temperature Range: A, E, or C
Package: SF for SOT-89B
SO for SOT-89A
UA for TO-92UA
→ Type: 320
→ Package: TO-92UA
→ Temperature Range: TJ = –40 °C to +100 °C
Example: HAL 320UA-E
Hall sensors are available in a wide variety of packaging
versions and quantities. For more detailed information,
please refer to the brochure: “Ordering Codes for Hall
Sensors”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com