Electronic Components Datasheet Search
  English  ▼

X  

HAL320 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # HAL320
Description  Differential Hall Effect Sensor IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL320 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button HAL320 Datasheet HTML 5Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 6Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 7Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 8Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 9Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 10Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 11Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 12Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
HAL320
9
Micronas
0
1
2
3
4
5
6
7
8
123
456 V
mA
VDD
IDD
TA = –40 °C
TA = 25 °C
TA = 150 °C
Fig. 13: Supply current
versus supply voltage
0
1
2
3
4
5
6
7
8
–50
0
50
100
150
200
°C
mA
TA
IDD
VDD = 4.5 V
VDD = 12 V
Fig. 14: Supply current
versus ambient temperature
0
10
20
30
40
50
60
70
80
90
100
–50
0
50
100
150
200
°C
kHz
TA
fosc
VDD = 4.5 V...24 V
Fig. 15: Internal chopper frequency
versus ambient temperature
0
50
100
150
200
250
300
350
400
0
5
10
15
20
25
30 V
mV
VDD
VOL
TA = –40 °C
TA = 25 °C
TA = 170 °C
IO = 20 mA
TA = 100 °C
Fig. 16: Output low voltage
versus supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com