Electronic Components Datasheet Search
  English  ▼

X  

HAL320 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # HAL320
Description  Differential Hall Effect Sensor IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL320 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button HAL320 Datasheet HTML 5Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 6Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 7Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 8Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 9Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 10Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 11Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 12Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
HAL320
11
Micronas
Application Notes
Mechanical stress can change the sensitivity of the Hall
plates and an offset of the magnetic switching points
may result. External mechanical stress on the sensor
must be avoided if the sensor is used under back-biased
conditions. This piezo sensitivity of the sensor IC cannot
be completely compensated for by the switching offset
compensation technique.
In order to assure switching the sensor on and off in a
back-biased application, the minimum magnetic modu-
lation of the differential field should amount to more than
10% of the magnetic preinduction.
If the HAL 320 sensor IC is used in back-biased applica-
tions, please contact our Application Department. They
will provide assistance in avoiding applications which
may induce stress to the ICs. This stress may cause
drifts of the magnetic parameters indicated in this data
sheet.
For electromagnetic immunity, it is recommended to ap-
ply a 4.7 nF capacitor between VDD (pin 1) and Ground
(pin 2). For automotive applications, a 220
W series re-
sistor to pin 1 is recommended. Because of the IDD peak
at 3.5 V, the series resistor should not be greater than
270
Ω. The series resistor and the capacitor should be
placed as close as possible to the IC. For optimal EMC
behavior, the test circuits in Fig. 21 and Fig. 22 are rec-
ommended.
Ambient Temperature
Due to the internal power dissipation, the temperature
on the silicon chip (junction temperature TJ) is higher
than the temperature outside the package (ambient tem-
perature TA).
TJ = TA + ∆T
At static conditions, the following equations are valid:
– for SOT-89x:
∆T = IDD * VDD * RthJSB
– for TO-92UA:
∆T = IDD * VDD * RthJA
For typical values, use the typical parameters. For worst
case calculation, use the max. parameters for IDD and
Rth, and the max. value for VDD from the application.
Recommended Test Circuits
for Electromagnetic Compatibility
Test pulses VEMC corresponding to DIN 40839.
OUT
GND
3
2
1VDD
4.7 nF
VEMC
VP
RV
220
Ω
RL
1.2 k
Ω
20 pF
Fig. 21: Test circuit 2: test procedure for class A
OUT
GND
3
2
1VDD
4.7 nF
VEMC
RV
220
Ω
RL
680
Ω
Fig. 22: Test circuit 1: test procedure for class C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com