Electronic Components Datasheet Search
  English  ▼

X  

TLV809 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV809
Description  3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV809 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV809 Datasheet HTML 2Page - Texas Instruments TLV809 Datasheet HTML 3Page - Texas Instruments TLV809 Datasheet HTML 4Page - Texas Instruments TLV809 Datasheet HTML 5Page - Texas Instruments TLV809 Datasheet HTML 6Page - Texas Instruments TLV809 Datasheet HTML 7Page - Texas Instruments TLV809 Datasheet HTML 8Page - Texas Instruments TLV809 Datasheet HTML 9Page - Texas Instruments TLV809 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
220
210
200
190
180
170
160
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
125
TLV803M
TLV803Z
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
0.25
0.5
0.75
1.25
V
(V)
DD
1.5
1
+125 C
°
+85 C
°
+25 C
°
0 C
°
-
°
40 C
RESET PulledUptoV
with22.1-k
Resistor
DD
W
1.001
1
0.999
0.998
0.997
0.996
0.995
0.994
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
125
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
0.5
1
1.5
2
(V
)
V
IT
DD
- -
(V)
2.5
+125 C
°
+85 C
°
+25 C
°
0 C
°
-
°
40 C
1.2
1
0.8
0.6
0.4
0.2
0
0
1
2
3
4
I
(mA)
OL
5
+125 C
°
+85 C
°
+25 C
°
0 C
°
-
°
40 C
V
=2.5V
DD
25
20
15
10
5
0
0
1
2
3
5
V
(V)
DD
6
+125 C
°
+85 C
°
+25 C
°
0 C
°
-
°
40 C
4
TLV803, TLV853, TLV863
SBVS157C – APRIL 2011 – REVISED SEPTEMBER 2015
www.ti.com
7.7 Typical Characteristics
at TJ = 25°C, VIT– = 4.38 V, and VDD = 5.0 V (unless otherwise noted)
Figure 2. Low-Level Output Voltage vs Low-Level Output
Figure 3. Supply Current vs Supply Voltage
Current
Figure 4. Normalized to 25°C Negative-Going Input
Figure 5. Minimum Pulse Duration At VDD vs Overdrive
Threshold Voltage vs Temperature
Voltage
Figure 6. Delay Time vs Temperature
Figure 7. Power-Up Low-Level Output Voltage vs Supply
Voltage
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TLV803 TLV853 TLV863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com