Electronic Components Datasheet Search
  English  ▼

X  

TLV809 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV809
Description  3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV809 Datasheet(HTML) 1 Page - Texas Instruments

  TLV809 Datasheet HTML 1Page - Texas Instruments TLV809 Datasheet HTML 2Page - Texas Instruments TLV809 Datasheet HTML 3Page - Texas Instruments TLV809 Datasheet HTML 4Page - Texas Instruments TLV809 Datasheet HTML 5Page - Texas Instruments TLV809 Datasheet HTML 6Page - Texas Instruments TLV809 Datasheet HTML 7Page - Texas Instruments TLV809 Datasheet HTML 8Page - Texas Instruments TLV809 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
3.3V
TLV803S
DSP/FPGA/ASIC
GND
GND
RESET
RESET
V
DD
3.3-VLDO
GND
OUT
IN
5V
V
DD
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TLV803, TLV853, TLV863
SBVS157C – APRIL 2011 – REVISED SEPTEMBER 2015
TLV8x3 3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
1 Features
3 Description
The TLV8x3 family of supervisory circuits provides
1
•
3-Pin SOT23 Package
circuit initialization and timing supervision, primarily
•
Supply Current: 9 µA (Typical)
for DSPs and processor-based systems.
•
Precision Supply Voltage Monitor:
The TLV803, TLV853, and TLV863 are functionally
2.5 V, 3 V, 3.3 V, 5 V
equivalent. The TLV853 and TLV863 provide an
•
Power-On Reset Generator with
alternate pinout of the TLV803.
Fixed Delay Time of 200 ms
During power on, RESET asserts when the supply
•
Pin-for-Pin Compatible with MAX803
voltage
(VDD) exceeds 1.1 V. Thereafter, the
•
Temperature Range: –40°C to +125°C
supervisory circuit monitors VDD and keeps RESET
active as long as VDD remains below the threshold
•
Open-Drain, RESET Output
voltage VIT. An internal timer delays the return of the
output to the inactive state (high) to ensure proper
2 Applications
system reset. The delay time (td(typ) = 200 ms) starts
•
DSPs, Microcontrollers, and Microprocessors
after VDD exceeds the threshold voltage, VIT. When
the supply voltage drops below the VIT threshold
•
Portable and Battery-Powered Equipment
voltage, the output is active (low) again. All the
•
Set-Top Boxes
devices in this family have a fixed sense-threshold
•
Servers
voltage (VIT) set by an internal voltage divider.
•
Appliances
The product spectrum is designed for supply voltages
•
Programmable Controls
of 2.5 V, 3 V, 3.3 V, and 5 V. These devices are
available in a 3-pin SOT-23 package. The TLV803
•
Intelligent Instruments
devices are characterized for operation over a
•
Industrial Equipment
temperature range of –40°C to +125°C.
•
Automotive Systems
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV8x3
SOT-23 (3)
2.92 mm × 1.30 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV809

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV809 TI1-TLV809 Datasheet
929Kb / 20P
3-Pin Supply Voltage Supervisor
TLV809 TI1-TLV809 Datasheet
816Kb / 15P
3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV809 TI1-TLV809 Datasheet
794Kb / 14P
3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
TLV809 TI2-TLV809 Datasheet
409Kb / 15P
3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
REVISED JUNE 2011
TLV809 TI2-TLV809 Datasheet
920Kb / 23P
TLV8x3 3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
REVISED DECEMBER 2020
More results

Similar Description - TLV809

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM1233A ALSC-ASM1233A Datasheet
209Kb / 9P
Low Power, 3.3V, uP Reset, Active LOW, Open-Drain Output
ASM1811 ALSC-ASM1811 Datasheet
215Kb / 9P
Low Power 5V uP Reset Active LOW, Open - Drain Output
logo
Micrel Semiconductor
MIC803 MICREL-MIC803 Datasheet
258Kb / 10P
3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
logo
Texas Instruments
TLV803M TI1-TLV803M Datasheet
607Kb / 16P
3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV810M TI1-TLV810M Datasheet
416Kb / 14P
3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
logo
ON Semiconductor
ASM1233D ONSEMI-ASM1233D Datasheet
142Kb / 10P
Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
logo
Texas Instruments
TLV803 TI1-TLV803_15 Datasheet
913Kb / 20P
3Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803M TI1-TLV803M_13 Datasheet
816Kb / 15P
3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV810M TI1-TLV810M_13 Datasheet
794Kb / 14P
3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
logo
Micrel Semiconductor
MIC803 MICREL-MIC803_15 Datasheet
612Kb / 12P
3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com