Electronic Components Datasheet Search
  English  ▼

X  

TLV809 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV809
Description  3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV809 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV809 Datasheet HTML 4Page - Texas Instruments TLV809 Datasheet HTML 5Page - Texas Instruments TLV809 Datasheet HTML 6Page - Texas Instruments TLV809 Datasheet HTML 7Page - Texas Instruments TLV809 Datasheet HTML 8Page - Texas Instruments TLV809 Datasheet HTML 9Page - Texas Instruments TLV809 Datasheet HTML 10Page - Texas Instruments TLV809 Datasheet HTML 11Page - Texas Instruments TLV809 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
100kW
TLV803S
V
DD
3.3V
RESET
GND
47kW RST
Microprocessor
V
CC
RESET
V
DD
t
d
V
+V
IT
HYS
-
1.1V
ValidOutput
TLV803, TLV853, TLV863
SBVS157C – APRIL 2011 – REVISED SEPTEMBER 2015
www.ti.com
Feature Description (continued)
8.3.2 Reset During Power Up and Power Down
The TLV803 output is valid when VDD is greater than 1.1 V. When VDD is less than 1.1 V, the output transistor
turns off and becomes high impedance. The voltage on the RESET pin rises to the voltage level connected to the
pull-up resistor. Figure 9 shows a typical waveform for power-up, assuming the RESET pin has a pull-up resistor
connected to the VDD pin.
Figure 9. Power-Up Response
8.3.3 Bidirectional Reset Pins
Some microcontrollers have bidirectional reset pins that act as both inputs and outputs. In a situation where the
TLV803 is pulling the RESET line low while the microcontroller is trying the force the RESET line high, a series
resistor should be placed between the output of the TLV803 and the RESET pin of the microcontroller to protect
against excessive current flow. Figure 10 shows the connection of the TLV803 to a microcontroller using a series
resistor to drive a bidirectional RESET line.
Figure 10. Connection To Bidirectional Reset Pin
8.4 Device Functional Modes
8.4.1 Normal Operation (VDD > Power-Up Reset Voltage)
When the voltage on VDD is greater than 1.1 V, the RESET signal asserts when VDD is less than VIT– and
deasserts when VDD is greater thanVIT–.
8.4.2 Power On Reset (VDD < Power-Up Reset Voltage)
When the voltage on VDD is lower than the required voltage to internally pull the asserted output to GND (power-
up reset voltage), both outputs are in a high-impedance state.
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TLV803 TLV853 TLV863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com