Electronic Components Datasheet Search
  English  ▼

X  

M34E04 Datasheet(PDF) 22 Page - STMicroelectronics

Part # M34E04
Description  Enhanced ESD/latch-up protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E04 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M34E04 Datasheet HTML 18Page - STMicroelectronics M34E04 Datasheet HTML 19Page - STMicroelectronics M34E04 Datasheet HTML 20Page - STMicroelectronics M34E04 Datasheet HTML 21Page - STMicroelectronics M34E04 Datasheet HTML 22Page - STMicroelectronics M34E04 Datasheet HTML 23Page - STMicroelectronics M34E04 Datasheet HTML 24Page - STMicroelectronics M34E04 Datasheet HTML 25Page - STMicroelectronics M34E04 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Maximum rating
M34E04
22/32
DocID023348 Rev 7
6
Maximum rating
Stressing the device above the rating listed in the absolute maximum ratings table may
cause permanent damage to the device. These are stress ratings only and the device
operation at these conditions or at any other conditions above those indicated in the
operating sections of this specification is not implied. An exposure to absolute maximum
rating conditions for extended periods may affect the device reliability.
Table 6. Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
Ambient temperature with power applied
-55
130
°C
TSTG
Storage temperature
-65
150
°C
VIO
Input or output range
SA0
Others
-0.50
-0.50
11.0
6.5
V
IOL
DC output current (SDA = 0)
-
20
mA
VCC
Supply voltage
-0.5
6.5
V
VESD
Electrostatic discharge voltage (human body model) (1)
1. JEDEC Std JESD22-A114A (C1 = 100 pF, R1 = 1500
Ω, and R2 = 500 Ω).
-
3500 (2)
2. Positive and negative pulses applied on different combinations of pin connections, according to
AECQ100-002 (compliant with JEDEC Std JESD22-A114, C1 = 100 pF, R1 = 1500
Ω).
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com