Electronic Components Datasheet Search
  English  ▼

X  

M34E04 Datasheet(PDF) 30 Page - STMicroelectronics

Part # M34E04
Description  Enhanced ESD/latch-up protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E04 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M34E04 Datasheet HTML 24Page - STMicroelectronics M34E04 Datasheet HTML 25Page - STMicroelectronics M34E04 Datasheet HTML 26Page - STMicroelectronics M34E04 Datasheet HTML 27Page - STMicroelectronics M34E04 Datasheet HTML 28Page - STMicroelectronics M34E04 Datasheet HTML 29Page - STMicroelectronics M34E04 Datasheet HTML 30Page - STMicroelectronics M34E04 Datasheet HTML 31Page - STMicroelectronics M34E04 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Part numbering
M34E04
30/32
DocID023348 Rev 7
9
Part numbering
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST sales office.
Engineering Sample
Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are
not yet qualified and therefore not yet ready to be used in production and any consequences
deriving from such usage will not be at ST charge. In no event, ST will be liable for any
customer usage of these engineering samples in production. ST Quality has to be contacted
prior to any decision to use these Engineering samples to run qualification activity.
Table 15. Ordering information scheme
Example:
M34E04
-
F MC 9
T
G
Device type
M34 = Application specific I2C serial access EEPROM
Device function
E04 = 4 Kbit (512 × 8) SPD (serial presence detect)
Operating voltage
F = VCC = 1.7 to 3.6 V over 0 °C to 95 °C
Package(1)
1. All package are ECOPACK2® (RoHS-compliant and free of brominated, chlorinated and antimony-oxide
flame retardants)
MC= UFDFPN8 (MLP8)
Temperature range
9 = 0 °C to 95 °C
Option
T = Tape and reel packing
blank = Tube packing
Plating technology
G = ECOPACK2®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com