Electronic Components Datasheet Search
  English  ▼

X  

M34E04 Datasheet(PDF) 25 Page - STMicroelectronics

Part # M34E04
Description  Enhanced ESD/latch-up protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E04 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M34E04 Datasheet HTML 21Page - STMicroelectronics M34E04 Datasheet HTML 22Page - STMicroelectronics M34E04 Datasheet HTML 23Page - STMicroelectronics M34E04 Datasheet HTML 24Page - STMicroelectronics M34E04 Datasheet HTML 25Page - STMicroelectronics M34E04 Datasheet HTML 26Page - STMicroelectronics M34E04 Datasheet HTML 27Page - STMicroelectronics M34E04 Datasheet HTML 28Page - STMicroelectronics M34E04 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
DocID023348 Rev 7
25/32
M34E04
DC and AC parameters
31
Table 12. DC characteristics
Symbol
Parameter
Test condition (in addition to
those in Table 7)
Min
Max
Unit
ILI
Input leakage current (SCL,
SDA, SA0, SA1, SA2)
VIN = VSS or VCC
-± 2
µA
ILO
Output leakage current
SDA in Hi-Z, external voltage
applied on SDA: VSS or VCC
-± 2
µA
ICC
Supply current (read)
fc = 400 kHz or 1 MHz
-
1
mA
ICC0
Supply current (write)
During tW, VIN = VSS or VCC
-1 (1)
1. Measured during characterization, not tested in production.
mA
ICC1
Standby supply current
Device not selected (2),
VIN = VSS or VCC, VCC ≥ 2.2 V
2. The device is not selected after a power-up, after a read command (after the Stop condition), or after the
completion of the internal write cycle tW (tW is triggered by the correct decoding of a write command).
-2
µA
Device not selected (2),
VIN = VSS or VCC, VCC < 2.2 V
-1
µA
VIL
Input low voltage
(SCL, SDA, WC)
-
-0.45
0.3 VCC
V
VIH
Input high voltage
(SCL, SDA, WC)
-0.7VCC
VCC+1
V
VHV
SA0 high voltage detect
VCC < 2.2 V
7
10
V
VCC ≥ 2.2 V
VCC
+4.8 V
10
V
VOL
Output low voltage
IOL = 20 mA, VCC ≥ 2.2 V
-
0.4
V
IOL = 6 mA, VCC ≤2 V
-
0.6
V
IOL = 3 mA, VCC ≤2 V
-
0.4
V
VPOR
Power on reset threshold
-
-
1.4 (1)
V
VPDR
Power down reset threshold
-
0.7 (1)
-V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com