Electronic Components Datasheet Search
  English  ▼

X  

LMT86LP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMT86LP
Description  SC70/TO-92, Analog Temperature Sensors with Class-AB Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMT86LP Datasheet(HTML) 2 Page - Texas Instruments

  LMT86LP Datasheet HTML 1Page - Texas Instruments LMT86LP Datasheet HTML 2Page - Texas Instruments LMT86LP Datasheet HTML 3Page - Texas Instruments LMT86LP Datasheet HTML 4Page - Texas Instruments LMT86LP Datasheet HTML 5Page - Texas Instruments LMT86LP Datasheet HTML 6Page - Texas Instruments LMT86LP Datasheet HTML 7Page - Texas Instruments LMT86LP Datasheet HTML 8Page - Texas Instruments LMT86LP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LMT86, LMT86-Q1
SNIS169C – MARCH 2013 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagram ....................................... 10
1
Features .................................................................. 1
8.3
Feature Description................................................. 10
2
Applications ........................................................... 1
8.4
Device Functional Modes........................................ 12
3
Description ............................................................. 1
9
Application and Implementation ........................ 13
4
Full-Range Celsius Temperature Sensor (
−50°C
9.1
Application Information............................................ 13
to 150°C) ................................................................. 1
9.2
Typical Applications ............................................... 14
5
Revision History..................................................... 2
10
Power Supply Recommendations ..................... 15
6
Pin Configuration and Functions ......................... 4
11
Layout................................................................... 15
7
Specifications......................................................... 5
11.1
Layout Guidelines ................................................. 15
7.1
Absolute Maximum Ratings ..................................... 5
11.2
Layout Example .................................................... 16
7.2
Handling Ratings - Commercial ................................ 5
12
Device and Documentation Support ................. 17
7.3
ESD Ratings - Automotive ........................................ 5
12.1
Related Links ........................................................ 17
7.4
Recommended Operating Ratings ........................... 5
12.2
Community Resources.......................................... 17
7.5
Thermal Information .................................................. 6
12.3
Trademarks ........................................................... 17
7.6
Accuracy Characteristics ......................................... 7
12.4
Electrostatic Discharge Caution ............................ 17
7.7
Electrical Characteristics ......................................... 7
12.5
Glossary ................................................................ 17
7.8
Typical Characteristics .............................................. 8
13
Mechanical, Packaging, and Orderable
8
Detailed Description ............................................ 10
Information ........................................................... 17
8.1
Overview ................................................................. 10
5 Revision History
Changes from Revision B (May 2014) to Revision C
Page
•
Deleted all mentions of TO-126 package ............................................................................................................................... 1
•
Added TO-92 LPM pin configuration graphic ......................................................................................................................... 4
•
Changed Handling Ratings to ESD Ratings and moved Storage Temperature to Absolute Maximum Ratings table........... 5
•
Changed KV to V ................................................................................................................................................................... 5
•
Added layout recommendation for TO-92 LP and LPM packages....................................................................................... 16
Changes from Revision A (June 2013) to Revision B
Page
•
Changed data sheet flow and layout to conform with new TI standards. Added the following sections: Application
and Implementation, Power Supply Recommendations, Layout, Device and Documentation Support, Mechanical,
Packaging, and Orderable Information .................................................................................................................................. 1
•
Added TO92 and TO126 package information....................................................................................................................... 1
•
Changed from 450 °C/W to 275 °C/W. New specification is derived using TI's latest methodology. .................................... 6
•
Changed Temperature Accuracy VDD condition from 2.4V to 2.2V for range of 40°C to 150°C. .......................................... 7
•
Deleted Note: The input current is leakage only and is highest at high temperature. It is typically only 0.001 µA. The
1 µA limit is solely based on a testing limitation and does not reflect the actual performance of the part............................. 7
2
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LMT86 LMT86-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com