Electronic Components Datasheet Search
  English  ▼

X  

LMT86LP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMT86LP
Description  SC70/TO-92, Analog Temperature Sensors with Class-AB Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMT86LP Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMT86LP Datasheet HTML 6Page - Texas Instruments LMT86LP Datasheet HTML 7Page - Texas Instruments LMT86LP Datasheet HTML 8Page - Texas Instruments LMT86LP Datasheet HTML 9Page - Texas Instruments LMT86LP Datasheet HTML 10Page - Texas Instruments LMT86LP Datasheet HTML 11Page - Texas Instruments LMT86LP Datasheet HTML 12Page - Texas Instruments LMT86LP Datasheet HTML 13Page - Texas Instruments LMT86LP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Thermal Diodes
OUT
VDD
GND
LMT86, LMT86-Q1
SNIS169C – MARCH 2013 – REVISED OCTOBER 2015
www.ti.com
8 Detailed Description
8.1 Overview
The LMT86/LMT86-Q1 is an analog output temperature sensor. The temperature sensing element is comprised
of a simple base emitter junction that is forward biased by a current source. The temperature sensing element is
then buffered by an amplifier and provided to the OUT pin. The amplifier has a simple push-pull output stage
thus providing a low impedance output source.
8.2 Functional Block Diagram
Full-Range Celsius Temperature Sensor (
−50°C to 150°C).
8.3 Feature Description
8.3.1 LMT86 and LMT86-Q1 Transfer Function
The output voltage of the LMT86 and LMT86-Q1, across the complete operating temperature range is shown in
Table 1. This table is the reference from which the LMT86 and LMT86-Q1 accuracy specifications (listed in the
Accuracy Characteristics section) are determined. This table can be used, for example, in a host processor look-
up table. A file containing this data is available for download at LMT86 product folder under Tools and Software
Models.
Table 1. LMT86 and LMT86-Q1 Transfer Table
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
(°C)
(mV)
(°C)
(mV)
(°C)
(mV)
(°C)
(mV)
(°C)
(mV)
-50
2616
-10
2207
30
1777
70
1335
110
883
-49
2607
-9
2197
31
1766
71
1324
111
872
-48
2598
-8
2186
32
1756
72
1313
112
860
-47
2589
-7
2175
33
1745
73
1301
113
849
-46
2580
-6
2164
34
1734
74
1290
114
837
-45
2571
-5
2154
35
1723
75
1279
115
826
-44
2562
-4
2143
36
1712
76
1268
116
814
-43
2553
-3
2132
37
1701
77
1257
117
803
-42
2543
-2
2122
38
1690
78
1245
118
791
-41
2533
-1
2111
39
1679
79
1234
119
780
-40
2522
0
2100
40
1668
80
1223
120
769
-39
2512
1
2089
41
1657
81
1212
121
757
-38
2501
2
2079
42
1646
82
1201
122
745
-37
2491
3
2068
43
1635
83
1189
123
734
-36
2481
4
2057
44
1624
84
1178
124
722
-35
2470
5
2047
45
1613
85
1167
125
711
-34
2460
6
2036
46
1602
86
1155
126
699
-33
2449
7
2025
47
1591
87
1144
127
688
10
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LMT86 LMT86-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com