Electronic Components Datasheet Search
  English  ▼

X  

LMT86LP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LMT86LP
Description  SC70/TO-92, Analog Temperature Sensors with Class-AB Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMT86LP Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMT86LP Datasheet HTML 11Page - Texas Instruments LMT86LP Datasheet HTML 12Page - Texas Instruments LMT86LP Datasheet HTML 13Page - Texas Instruments LMT86LP Datasheet HTML 14Page - Texas Instruments LMT86LP Datasheet HTML 15Page - Texas Instruments LMT86LP Datasheet HTML 16Page - Texas Instruments LMT86LP Datasheet HTML 17Page - Texas Instruments LMT86LP Datasheet HTML 18Page - Texas Instruments LMT86LP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
LMT86, LMT86-Q1
www.ti.com
SNIS169C – MARCH 2013 – REVISED OCTOBER 2015
Typical Applications (continued)
9.2.2.2 Detailed Design Procedure
Simply connect the VDD pin of the LMT86 directly to the logic shutdown signal from a microcontroller.
9.2.2.3 Application Curves
Time: 500 µsec/div; Top Trace: VDD 1 V/div;
Time: 500 µsec/div; Top Trace: VDD 1 V/div;
Bottom Trace: OUT 1 V/div
Bottom Trace: OUT 1 V/div
Figure 15. Output Turn-on Response Time without a
Figure 16. Output Turn-on Response Time with a 1.1 nF
Capacitive Load and VDD=3.3V
Capacitive Load and VDD=3.3V
Time: 500 µsec/div; Top Trace: VDD 2 V/div;
Time: 500 µsec/div; Top Trace: VDD 2 V/div;
Bottom Trace: OUT 1 V/div
Bottom Trace: OUT 1 V/div
Figure 17. Output Turn-on Response Time without a
Figure 18. Output Turn-on Response Time with 1.1 nF
Capacitive Load and VDD=5V
Capacitive Load and VDD=5V
10 Power Supply Recommendations
The LMT86's low supply current and supply range of 2.2V to 5.5V allow the device to easily be powered from
many sources.
Power supply bypassing is optional and is mainly dependent on the noise on the power supply used. In noisy
systems it may be necessary to add bypass capacitors to lower the noise that is coupled to the LMT86's output.
11 Layout
11.1 Layout Guidelines
The LMT86 is extremely simple to layout. If a power supply bypass capacitor is used it should be connected as
shown in the Layout Example.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMT86 LMT86-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com