Electronic Components Datasheet Search
  English  ▼

X  

LMT86LP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMT86LP
Description  SC70/TO-92, Analog Temperature Sensors with Class-AB Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMT86LP Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMT86LP Datasheet HTML 8Page - Texas Instruments LMT86LP Datasheet HTML 9Page - Texas Instruments LMT86LP Datasheet HTML 10Page - Texas Instruments LMT86LP Datasheet HTML 11Page - Texas Instruments LMT86LP Datasheet HTML 12Page - Texas Instruments LMT86LP Datasheet HTML 13Page - Texas Instruments LMT86LP Datasheet HTML 14Page - Texas Instruments LMT86LP Datasheet HTML 15Page - Texas Instruments LMT86LP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
J
A
JA
DD S
DD
O
L
T = T +
(V I ) + (V
- V ) I
T
ª
º
¬
¼
LMT86, LMT86-Q1
SNIS169C – MARCH 2013 – REVISED OCTOBER 2015
www.ti.com
Using this method of linear approximation, the transfer function can be approximated for one or more
temperature ranges of interest.
8.4 Device Functional Modes
8.4.1 Mounting and Thermal Conductivity
The LMT86 and LMT86-Q1 can be applied easily in the same way as other integrated-circuit temperature
sensors. It can be glued or cemented to a surface.
To ensure good thermal conductivity, the backside of the LMT86 and LMT86-Q1 die is directly attached to the
GND pin (Pin 2). The temperatures of the lands and traces to the other leads of the LMT86 and LMT86-Q1 will
also affect the temperature reading.
Alternatively, the LMT86 and LMT86-Q1 can be mounted inside a sealed-end metal tube, and can then be
dipped into a bath or screwed into a threaded hole in a tank. As with any IC, the LMT86 and LMT86-Q1 and
accompanying wiring and circuits must be kept insulated and dry, to avoid leakage and corrosion. This is
especially true if the circuit may operate at cold temperatures where condensation can occur. If moisture creates
a short circuit from the output to ground or VDD, the output from the LMT86 and LMT86-Q1 will not be correct.
Printed-circuit coatings are often used to ensure that moisture cannot corrode the leads or circuit traces.
The thermal resistance junction to ambient (RθJA or θJA) is the parameter used to calculate the rise of a device
junction temperature due to its power dissipation. The equation used to calculate the rise in the LMT86 and
LMT86-Q1 die temperature is:
(7)
where TA is the ambient temperature, IS is the supply current, IL is the load current on the output, and VO is the
output voltage. For example, in an application where TA = 30°C, VDD = 5V, IS = 5.4 µA, VO = 1777 mV junction
temp 30.014°C self-heating error of 0.014°C. Since the LMT86 and LMT86-Q1's junction temperature is the
actual temperature being measured, care should be taken to minimize the load current that the LMT86 and
LMT86-Q1 is required to drive. Thermal Information(1) shows the thermal resistance of the LMT86 and LMT86-
Q1.
8.4.2 Output Noise Considerations
A push-pull output gives the LMT86 and LMT86-Q1 the ability to sink and source significant current. This is
beneficial when, for example, driving dynamic loads like an input stage on an analog-to-digital converter (ADC).
In these applications the source current is required to quickly charge the input capacitor of the ADC. The LMT86
and LMT86-Q1 is ideal for this and other applications which require strong source or sink current.
The LMT86 and LMT86-Q1's supply-noise gain (the ratio of the AC signal on VOUT to the AC signal on VDD) was
measured during bench tests. Its typical attenuation is shown in Figure 8 found in the Typical Characteristics
section. A load capacitor on the output can help to filter noise.
For operation in very noisy environments, some bypass capacitance should be present on the supply within
approximately 5 centimeters of the LMT86 and LMT86-Q1.
8.4.3 Capacitive Loads
The LMT86 and LMT86-Q1 handles capacitive loading well. In an extremely noisy environment, or when driving
a switched sampling input on an ADC, it may be necessary to add some filtering to minimize noise coupling.
Without any precautions, the LMT86 and LMT86-Q1 can drive a capacitive load less than or equal to 1100 pF as
shown in Figure 10. For capacitive loads greater than 1100 pF, a series resistor may be required on the output,
as shown in Figure 11.
(1)
For information on self-heating and thermal response time see section Mounting and Thermal Conductivity.
12
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LMT86 LMT86-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com